Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments LM64 Datasheet HTML 27Page - Texas Instruments LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments LM64 Datasheet HTML 32Page - Texas Instruments LM64 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
7.2 General Purpose Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
1AHEX GENERAL PURPOSE INPUT REGISTER (8-bits)
1A
Read
Only
7:5
000
These bits are unused and always set to 0.
4:0
See (1)
General
Purpose
Input
These 5 bits reflect the logic states of the GPIOx pins.
1BHEX GENERAL PURPOSE OUTPUT REGISTER (8-bits)
1B
R/W
7:5
000
These bits are unused and always set to 0.
4:0
See (2)
General
Purpose
Output
These 5 bits reflect the GPI register bits [4:0] except for Power-On-Default
when they are the 5 logic states of the General Pupose Default (GPD)
input pins.
(1)
For Register 0x1A the Power-On-Reset for the five LSB's are the logic states present on the 5 GPIOx pins.
(2)
For Register 0x1B the Power-On-Reset for the five LSB's are the logic states present on the 5 GPDx pins.
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com