Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments LM64 Datasheet HTML 32Page - Texas Instruments LM64 Datasheet HTML 33Page - Texas Instruments LM64 Datasheet HTML 34Page - Texas Instruments LM64 Datasheet HTML 35Page - Texas Instruments LM64 Datasheet HTML 36Page - Texas Instruments LM64 Datasheet HTML 37Page - Texas Instruments LM64 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
8.2 Typical Application
C6
LM64
VDD
SMBCLK
SMBDAT
PWM
GND
D+
D-
TACH
ALERT
GPIO3
GPIO2
GPIO1
GPIO4
GPIO5
VDD
VDD
To SMBus
interface
control
circuitry
Fan V+
Fan V-
R1
R2
R3
R4
R5
R6
R7
R8
R9 R10
R11 R12 R13 R14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
C4
C5
T_CRIT
A0
R15
R16
R17
R18
Q2
Q1
Thermal Diode
on-board
Processor Die
R1 - R10; R15 = 10 k:
R17 = 430:
R18 = 10:
R11, R12 = 1.5 k:
C1 = 10 PF electrolytic
C2, C5 = 0.1 PF ceramic
C3 = 100 pF ceramic
C4 = 2.2 PF electrolytic
C3
C1
C2
Q2 = MMBT3904
S5
S4
S3
S2
S1
S1 - S5 = SPST Switch
C6 = 2.2 nF ceramic
R13, R14, R16 = 3 k:
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com