Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 26 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments LM64 Datasheet HTML 27Page - Texas Instruments LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
49
R/W
7:0
0xFF
Tachometer
Limit (MSB)
These registers contain the current 16-bit Tachometer Count,
representing the period of time between tach pulses. Fan RPM
= (f * 5,400,000) / (Tachometer Count), where f = 1 for 2 pulses/rev
fan; f = 2 for 1 pulse/rev fan; and f = 2/3 for 3 pulses/rev fan. See
the Application Notes section for more tachometer information.
Note that the 16-bit tachometer MSB and LSB are reversed from
the 16 bit temperature readings.
48
R/W
7:2
0xFF
Tachometer
Limit (LSB)
R/W
1:0
[Reserved]
Not Used.
7.1.4.4 Local Temperature And Local High Setpoint Registers
ADDRES
S
Hex
Read/
Write
Bits
POR
Value
Name
Description
00HEX LOCAL TEMPERATURE REGISTER (8-bits)
00
Read
Only
7:0
N/A
Local Temperature Reading (8-bit)
8-bit temperature of the LM64.
05 (0B)HEX LOCAL HIGH SETPOINT REGISTER (8-bits)
05
R/W
7:0
0x46
(70°)
Local HIGH Setpoint
High Setpoint for the internal diode.
7.1.4.5 Remote Diode Temperature, Offset And Setpoint Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
01
Read
Only
7:0
N/A
Remote Diode
Temperature
Reading (MSB)
This is the MSB of the LM64 remote diode temperature value, 2’s complement. Bit
7 is the sign bit, bit 6 has a weight 64°C, and bit 0 has a weight of 1°C. Read this
byte first. The actual remote diode temperature is 16°C higher than the values in
registers 0x01 and 0x10.
10
Read
Only
7:5
N/A
Remote Diode
Temperature
Reading (LSB)
This is the LSB of the LM64 remote diode temperature value, in 2’s complement.
Bit 7 has a weight 0.5°C, bit 6 has a weight of 0.25°C, and bit 5 has a weight of
0.125°C. The actual remote diode temperature is 16°C higher than the values in
registers 0x01 and 0x10.
4:0
00
Always 00.
11
R/W
7:5
00
Remote
Temperature
OFFSET (MSB)
These registers contain the offset value added to, or subtracted from, the remote
diode’s reading to compensate for the different non-ideality factors of different
processors, diodes, etc. The 2’s complement value, in these registers is added
to the output of the LM64’s ADC to form the temperature reading contained in
registers 01 and 10.
12
R/W
7:5
00
Remote
Temperature
OFFSET (LSB)
4:0
00
Always 00.
07 (0D)
R/W
7:0
0x46
(70°C)
Remote HIGH
Setpoint (MSB)
High setpoint temperature for remote diode. Same format as Remote
Temperature Reading (registers 01 and 10).
13
R/W
7:5
00
Remote HIGH
Setpoint (LSB)
4:0
00
Always 00.
08 (0E)
R/W
7:0
00
(0°C)
Remote LOW
Setpoint (MSB)
Low setpoint temperature for remote diode. Same format as Remote
Temperature Reading (registers 01 and 10).
14
R/W
7:5
00
Remote LOW
Setpoint (LSB)
4:0
00
Always 00.
19
R/W
7:0
0x55
(85°C)
Remote Diode
T_CRIT Limit
This 8-bit integer storing the T_CRIT limit is initially 85°C (101°C actual remote
T_Crit limit). This value can be changed at any time after power-up.
21
R/W
7:0
0x0A
(10°C)
Remote Diode
T_CRIT
Hysteresis
8-bit integer storing T_CRIT hysteresis. T_CRIT stays activated until the remote
diode temperature goes below [(T_CRIT Limit)—(T_CRIT Hysteresis)].
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com