Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM64 Datasheet HTML 21Page - Texas Instruments LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments LM64 Datasheet HTML 27Page - Texas Instruments LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Address
Hex
Read/
Write
Bits
POR
Value
Name
Description
4FHEX LOOKUP TABLE HYSTERESIS
4F
R/W
7:5
000
Lookup
Table
Hysteresis
These bits are unused and always set to 0
4:0
00100
The amount of hysteresis applied to the Lookup Table. (1 LSB = 1°C).
7.1.4.2 Configuration Register
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
03 (09)HEX CONFIGURATION REGISTER
03 (09)
R/W
7
0
ALERT
Mask
When this bit is a 0, ALERT interrupts are enabled.
When this bit is set to a 1, ALERT interrupts are masked, and the ALERT pin is
always in a high impedance (open) state.
6
0
STANDBY
When this bit is a 0, the LM64 is in operational mode, converting, comparing, and
updating the PWM output continuously.
When this bit is a 1, the LM64 enters a low power standby mode.
In STANDBY, continuous conversions are stopped, but a conversion/comparison
cycle may be initiated by writing any value to register 0x0F. Operation of the PWM
output in STANDBY depends on the setting of bit 5 in this register.
5
0
PWM Disable
in STANDBY
When this bit is a 0, the LM64’s PWM output continues to output the current fan
control signal while in STANDBY.
When this bit is a 1, the PWM output is disabled (as defined by the PWM polarity
bit) while in STANDBY.
4:1
0000
These bits are unused and always set to 0.
0
0
RDTS Fault
Queue
0: an ALERT will be generated if any Remote Diode conversion result is above
the Remote High Set Point or below the Remote Low Setpoint.
1: an ALERT will be generated only if three consecutive Remote Diode
conversions are above the Remote High Set Point or below the Remote Low
Setpoint.
7.1.4.3 Tachometer Count And Limit Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
47HEX TACHOMETER COUNT (MSB) and 46HEX TACHOMETER COUNT (LSB) REGISTERS
(16 bits: Read LSB first to lock MSB and ensure MSB and LSB are from the same reading)
47
Read Only
7:0
N/A
Tachometer
Count (MSB)
These registers contain the current 16-bit Tachometer Count,
representing the period of time between tach pulses. Note that
the 16-bit tachometer MSB and LSB are reversed from the 16-bit
temperature readings
46
Read Only
7:2
N/A
Tachometer
Count (MSB)
Read Only
1:0
00
Tachometer
Edge Count
Bits:
Edges Used
Tach_Count_Multiple
00:
Reserved - do not use
01:
2
4
10:
2
2
11:
5
1
Note: If PWM_Clock_Select = 360 kHz, then Tach_Count_Multiple
= 1 regardless of the setting of these bits.
49HEX TACHOMETER LIMIT (MSB) and 48HEX TACHOMETER LIMIT (LSB) REGISTERS
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com