Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 31 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM64 Datasheet HTML 27Page - Texas Instruments LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments LM64 Datasheet HTML 32Page - Texas Instruments LM64 Datasheet HTML 33Page - Texas Instruments LM64 Datasheet HTML 34Page - Texas Instruments LM64 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
8.1.1.1 Computing Duty Cycles for a Given Frequency
Select a PWM Frequency from the first column corresponding to the desired actual frequency in columns 6 or 7.
Note the PWM Value for 100% Duty Cycle.
Find the Duty Cycle by taking the PWM Value of Register 4C and computing:
%
100
%
100
_
_
_
_
_(%)
u
=
for
Value
PWM
Value
PWM
DutyCycle
(1)
Example: For a PWM Frequency of 24, a PWM Value at 100% = 48 and PWM Value actual = 28, then the Duty
Cycle is (28/48) × 100% = 58.3%.
8.1.2 Use of the Lookup Table for Non-Linear PWM Values VS Temperature
The Lookup Table, Registers 50 through 5F, can be used to create a non-linear PWM vs Temperature curve
that could be used to reduce the acoustic noise from processor fan due to linear or step transfer functions. An
example is given below:
EXAMPLE:
In a particular system it was found that the best acoustic fan noise performance was found to occur when the
PWM vs Temperature transfer function curve was parabolic in shape.
From 25°C to 105°C the fan is to go from 20% to 100%. Since there are 8 steps to the Lookup Table we will
break up the Temperature range into 8 separate temperatures. For the 80°C over 8-steps = 10°C per step. This
takes care of the x-axis.
For the PWM Value, we first select the PWM Frequency. In this example we will make the PWM Frequency
(Register 4C) 20.
For 100% Duty Cycle then, the PWM value is 40. For 20% the minimum is 40 x (0.2) = 8.
We can then arrange the PWM, Temperature pairs in a parabolic fashion in the form of y = 0.005 • (x −25)2 + 8
Temperature
PWM Value
Calculated
Closest PWM
Value
25
8.0
8
35
8.5
9
45
10.0
10
55
12.5
13
65
16.0
16
75
20.5
21
85
26.0
26
95
32.5
33
105
40.0
40
We can then program the Lookup Table with the temperature and Closest PWM Values required for the curve
required in our example.
8.1.3 NON-Ideality Factor and Temperature Accuracy
The LM64 can be applied to remote diode sensing in the same way as other integrated-circuit temperature
sensors. It can be soldered to a printed-circuit board, and because the path of best thermal conductivity
is between the die and the pins, its temperature will effectively be that of the printed-circuit board lands
and traces soldered to its pins. This presumes that the ambient air temperature is nearly the same as the
surface temperature of the printed-circuit board. If the air temperature is much higher or lower than the surface
temperature, the actual temperature of the LM64 die will be an intermediate temperature between the surface
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com