Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM64 Datasheet HTML 20Page - Texas Instruments LM64 Datasheet HTML 21Page - Texas Instruments LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments LM64 Datasheet HTML 27Page - Texas Instruments LM64 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Address
Hex
Read/
Write
Bits
POR
Value
Name
Description
4C
Read
(Write
only if
reg 4A
bit 5 =
1.)
7:6
00
PWM
Value
These bits are unused and always set to 0
5:0 000000
If PWM Program (register 4A, bit 5) = 0 this register is read only and reflects the
LM64’s current PWM value from the Lookup Table.
If PWM Program (register 4A, bit 5) = 1, this register is read/write and the desired
PWM value is written directly to this register, instead of from the Lookup Table, for
direct fan speed control.
This register will read 0 during the Spin-Up cycle.
See Application Notes section at the end of this datasheet for more information
regarding the PWM Value and Duty Cycle in %.
50HEX to 5FHEX LOOKUP TABLE (7 Bits for Temperature and 6 Bits for PWM for each Temperature/PWM Pair)
50
Read.
(Write
only if
reg 4A
bit 5 =
1.)
7
0
Lookup Table
Temperature
Entry 1
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 51.
51
7:6
00
Lookup Table
PWM Entry 1
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 50.
52
7
0
Lookup Table
Temperature
Entry 2
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 53.
53
7:6
00
Lookup Table
PWM Entry 2
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 52.
54
7
0
Lookup Table
Temperature
Entry 3
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 55.
55
7:6
00
Lookup Table
PWM Entry 3
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 54.
56
7
0
Lookup Table
Temperature
Entry 4
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 57.
57
7:6
00
Lookup Table
PWM Entry 4
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 56.
58
7
0
Lookup Table
Temperature
Entry 5
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 59.
59
7:6
00
Lookup Table
PWM Entry 5
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 58.
5A
7
0
Lookup Table
Temperature
Entry 6
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 5B.
5B
7:6
00
Lookup Table
PWM Entry 6
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5A.
5C
7
0
Lookup Table
Temperature
Entry 7
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 5D.
5D
7:6
00
Lookup Table
PWM Entry 7
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5C.
5E
7
0
Lookup Table
Temperature
Entry 8
This bit is unused and always set to 0.
6:0
0x7F
If the remote diode temperature exceeds this value, the PWM output will be the value
in Register 5F.
5F
7:6
00
Lookup Table
PWM Entry 8
These bits are unused and always set to 0.
5:0
0x3F
The PWM value corresponding to the temperature limit in register 5E.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com