Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 5 Page - Texas Instruments

  LM64 Datasheet HTML 1Page - Texas Instruments LM64 Datasheet HTML 2Page - Texas Instruments LM64 Datasheet HTML 3Page - Texas Instruments LM64 Datasheet HTML 4Page - Texas Instruments LM64 Datasheet HTML 5Page - Texas Instruments LM64 Datasheet HTML 6Page - Texas Instruments LM64 Datasheet HTML 7Page - Texas Instruments LM64 Datasheet HTML 8Page - Texas Instruments LM64 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
See(1) (2) (3)
Supply Voltage, VDD
−0.3 V to 6.0 V
Voltage on SMBDAT, SMBCLK,   ALERT, T_Crit, PWM Pins
−0.5 V to 6.0 V
Voltage on Other Pins
−0.3 V to (VDD + 0. 3 V)
Input Current, D− Pin
±1 mA
Input Current at All Other Pins (4)
5 mA
Package Input Current (4)
30 mA
Package Power Dissipation
SMBDAT, ALERT, T_Crit, PWM pins
See (5)
Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility (6)   
Human Body Model
2000 V
Machine Model
200 V
SMT Soldering Information
See AN-1187 (SNOA401Q), "Leadless Leadframe Package" for information on SMT Assembly using LLP Packages.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee performance limits. For guaranteed specifications and test conditions, see the
Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > V+), the current at that pin should be limited
to 5 mA. Parasitic components and/or ESD protection circuitry are shown in the Table 5-1, for the LM64's pins, by an "X" when it exists.
Care should be taken not to forward bias the parasitic diode, D1, present on pins D+ and D−. Doing so by more than 50 mV may
corrupt temperature measurements.
(5)
See AN-1187 SNOA401 for Thermal Resistance Junction-to-Ambient Temperature.
(6)
Human body model, 100 pF discharged through a 1.5 kΩ resistor. Machine model, 200 pF discharged directly into each pin. See
Figure 5-2 for the ESD Protection Input Structure.
5.2 Operating Ratings
See (1) (2)
LM64 Operating Temperature Range
0°C ≤ TA ≤ +85°C
Remote Diode Temperature Range
25°C ≤ TD ≤ +140°C
Electrical Characteristics
TMIN ≤ TA ≤ TMAX
Supply Voltage Range (VDD)
+3.0 V to +3.6 V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee performance limits. For guaranteed specifications and test conditions, see the
Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com