Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM64 Datasheet HTML 11Page - Texas Instruments LM64 Datasheet HTML 12Page - Texas Instruments LM64 Datasheet HTML 13Page - Texas Instruments LM64 Datasheet HTML 14Page - Texas Instruments LM64 Datasheet HTML 15Page - Texas Instruments LM64 Datasheet HTML 16Page - Texas Instruments LM64 Datasheet HTML 17Page - Texas Instruments LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
6.3.3 SMBus Interface
Since the LM64 operates as a slave on the SMBus, the SMBCLK line is an input and the SMBDAT line is
bi-directional. The LM64 never drives the SMBCLK line and it does not support clock stretching. The LM64 has
two hardware-selectable 7-bit slave addresses. The user may input a logical High or Low on the A0 Address pin
to select one of the two pre-programmed SMBus slave addresses. The options are as follows:
A0
Pin
SMBus
Address
0x[Hex]
SMBus Slave Address Bits
A6
A5
A4
A3
A2
A1
A0
0
18
0
0
1
1
0
0
0
1
4E
1
0
0
1
1
1
0
6.3.4 Power-On Reset (POR) Default States
For information on the POR default states see Section 7.1.2.
6.3.5 Temperature Data Format
Temperature data can only be read from the Local and Remote Temperature registers. The High, Low and
T_CRIT setpoint registers are Read/Write.
Remote temperature data is represented by an 11-bit, two's complement word with a Least Significant Bit (LSB)
equal to 0.125°C. The data format is a left justified 16-bit word available in two 8-bit registers. Some examples of
temperature conversions are shown below.
Table 6-1. Actual vs. LM64 Remote Temperature Conversion(1)
Actual Remote Diode
Temperature,°C
LM64 Remote Diode Temperature
Register, °C
Binary Results in LM64 Remote
Temperature Register
Hex Remote
Temperature Register
120
+104
0110 1000 0000 0000
6800h
125
+109
0110 1101 0000 0000
6D00h
126
+110
0110 1110 0000 0000
6E00h
130
+114
0111 0010 0010 0000
7200h
135
+119
0111 0111 0000 0000
7700h
140
+124
0111 1100 0000 0000
7C00h
(1)
Output is 11-bit two's complement word. LSB = 0.125 °C.
Table 6-2. Actual vs. Remote T_Crit Setpoint Example
Actual Remote Diode T_Crit
Setpoint,°C
Remote T_CRIT
High Setpoint, °C
Binary Remote T_CRIT
High Setpoint Value
Hex Remote T_CRIT High
Setpoint Value
126
+110
0110 1110
6Eh
Local Temperature data is represented by an 8-bit, two's complement byte with an LSB equal to 1°C:
Temperature
Digital Output
Binary
Hex
+125°C
0111 1101
7D
+25°C
0001 1001
19
+1°C
0000 0001
01
0°C
0000 0000
00
−1°C
1111 1111
FF
−25°C
1110 0111
E7
−55°C
1100 1001
C9
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com