Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM64 Datasheet HTML 18Page - Texas Instruments LM64 Datasheet HTML 19Page - Texas Instruments LM64 Datasheet HTML 20Page - Texas Instruments LM64 Datasheet HTML 21Page - Texas Instruments LM64 Datasheet HTML 22Page - Texas Instruments LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Register
[HEX]
Register Name
Read/Write
POR Default
[HEX]
GENERAL PURPOSE REGISTERS
1A
General Purpose Input
Read Only
See (1)
1B
General Purpose Output
R/W
See (2)
[RESERVED] REGISTERS—NOT USED
06
Not Used
N/A
N/A
0C
Not Used
N/A
N/A
15
Not Used
N/A
N/A
17
Not Used
N/A
N/A
18
Not Used
N/A
N/A
1C–1F
Not Used
N/A
N/A
20
Not Used
N/A
N/A
22–2F
Not Used
N/A
N/A
30–3F
Not Used
N/A
N/A
40–45
Not Used
N/A
N/A
4E
Not Used
N/A
N/A
60–BE
Not Used
N/A
N/A
C0–FD
Not Used
N/A
N/A
(1)
For Register 0x1A the Power-On-Reset for the five LSB's are the logic states present on the 5 GPIOx pins.
(2)
For Register 0x1B the Power-On-Reset for the five LSB's are the logic states present on the 5 GPDx pins.
7.1.3 LM64 Initial Register Sequence and Register Descriptions in Functional Order
The following is a Register Map grouped in functional and sequence order. Some address locations have been
left blank to maintain compatibility with LM86. Addresses in parenthesis are mirrors of named address for
backwards compatibility with some older software. Reading or writing either address will access the same 8-bit
register.
7.1.3.1 LM64 Required Initial Fan Control Register Sequence
Important! The BIOS must follow the sequence below to configure the following Fan Registers for the LM64
before using any of the Fan or Tachometer or PWM registers:
Step
[Register]HEX and Setup Instructions(1)
1
[4A] Write bits 0 and 1; 3 and 4. This includes tach settings if used, PWM internal clock select (1.4 kHz or 360 kHz) and PWM
Output Polarity.
2
[4B] Write bits 0 through 5 to program the spin-up settings.
3
[4D] Write bits 0 through 4 to set the frequency settings. This works with the PWM internal clock select.
4
Choose, then write, only one of the following:
A. [4F–5F] the Lookup Table, or
B. [4C] the PWM value bits 0 through 5.
5
If Step 4A, Lookup Table, was chosen and written then write [4A] bit 5 = 0.
(1)
All other registers can be written at any time after the above sequence.
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com