Electronic Components Datasheet Search
  English  ▼

X  

LM64 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM64
Description  LM64 ±1°C Remote Diode Temperature Sensor with PWM Fan Control and 5 GPIOs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM64 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM64 Datasheet HTML 23Page - Texas Instruments LM64 Datasheet HTML 24Page - Texas Instruments LM64 Datasheet HTML 25Page - Texas Instruments LM64 Datasheet HTML 26Page - Texas Instruments LM64 Datasheet HTML 27Page - Texas Instruments LM64 Datasheet HTML 28Page - Texas Instruments LM64 Datasheet HTML 29Page - Texas Instruments LM64 Datasheet HTML 30Page - Texas Instruments LM64 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
BF
R/W
7:3
00000
These bits are unused and should always set to 0.
2:1
00
Remote Diode
Temperature
Filter
00: Filter Disabled
01: Filter Level 1 (minimal filtering, same as 10)
10: Filter Level 1 (minimal filtering, same as 01)
11: Filter Level 2 (maximum filtering)
0
0
Comparator
Mode
0: the ALERT pin functions as an Interrupt or ARA mode.
1: the ALERT pin behaves as a comparator, asserting itself when an ALERT
condition exists, de-asserting itself when the ALERT condition goes away.
7.1.4.6 ALERT Status And Mask Registers
ADDRESS
Hex
Read/
Write
Bits
POR
Value
Name
Description
02HEX ALERT STATUS REGISTER (8-bits) (All Alarms are latched until read, then cleared if alarm condition was removed at the
time of the read.)
0x02
Read
Only
7
0
Busy
When this bit is a 0, the ADC is not converting.
When this bit is set to a 1, the ADC is performing a conversion. This bit does not
affect ALERT status.
6
0
Local
High Alarm
When this bit is a 0, the internal temperature of the LM64 is at or below the Local
High Setpoint.
When this bit is a 1, the internal temperature of the LM64 is above the Local High
Setpoint, and an ALERT is triggered.
5
0
This bit is unused and always read as 0.
4
0
Remote
High Alarm
When this bit is a 0, the temperature of the Remote Diode is at or below the
Remote High Setpoint.
When this bit is a 1, the temperature of the Remote Diode is above the Remote
High Setpoint, and an ALERT is triggered.
3
0
Remote
Low Alarm
When this bit is a 0, the temperature of the Remote Diode is at or above the
Remote Low Setpoint.
When this bit is a 1, the temperature of the Remote Diode is below the Remote
Low Setpoint, and an ALERT is triggered.
2
0
Remote Diode
Fault Alarm
When this bit is a 0, the Remote Diode appears to be correctly connected.
When this bit is a 1, the Remote Diode may be disconnected or shorted. This
Alarm does not trigger an ALERT.
1
0
Remote
T_CRIT Alarm
When this bit is a 0, the temperature of the Remote Diode is at or below the
T_CRIT Limit.
When this bit is a 1, the temperature of the Remote Diode is above the T_CRIT
Limit, and an ALERT is triggered.
0
0
Tach Alarm
When this bit is a 0, the Tachometer count is lower than or equal to the
Tachometer Limit (the RPM of the fan is greater than or equal to the minimum
desired RPM).
When this bit is a 1, the Tachometer count is higher than the Tachometer Limit
(the RPM of the fan is less than the minimum desired RPM), and an ALERT is
triggered.
16HEX ALERT MASK REGISTER (8-bits)
www.ti.com
LM64
SNAS207B – MAY 2004 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LM64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com