Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 2 Page - Texas Instruments

  BQ51221 Datasheet HTML 1Page - Texas Instruments BQ51221 Datasheet HTML 2Page - Texas Instruments BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................4
6 Pin Configuration and Functions...................................5
Pin Functions.................................................................... 5
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings........................................ 6
7.2 ESD Ratings............................................................... 6
7.3 Recommended Operating Conditions.........................7
7.4 Thermal Information....................................................7
7.5 Electrical Characteristics.............................................7
7.6 Typical Characteristics.............................................. 10
8 Detailed Description......................................................14
8.1 Overview................................................................... 14
8.2 Functional Block Diagram......................................... 15
8.3 Feature Description...................................................15
8.4 Device Functional Modes..........................................29
9 Application and Implementation.................................. 30
9.1 Application Information............................................. 30
9.2 Typical Applications.................................................. 30
10 Power Supply Recommendations..............................38
11 Layout........................................................................... 38
11.1 Layout Guidelines................................................... 38
11.2 Layout Example...................................................... 39
12 Device and Documentation Support..........................40
12.1 Device Support....................................................... 40
12.2 Receiving Notification of Documentation Updates..40
12.3 Support Resources................................................. 40
12.4 Trademarks.............................................................40
12.5 Electrostatic Discharge Caution..............................40
12.6 Glossary..................................................................40
13 Mechanical, Packaging, and Orderable
Information.................................................................... 40
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2018) to Revision D (September 2020)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Added device comparison table..........................................................................................................................4
• Changed From: "No Response" To: "EPT 0x00, Unknown" in the EPT column of Table 8-3 .......................... 19
• Changed From: "Termination" To: "EPT 0x01, Charge Complete" in the EPT column of Table 8-3 ................ 19
• Changed "RO is fixed at 20 kΩ" To: "R2 is fixed at 20 kΩ"................................................................................24
• Changed β = 4500 To: β = 3380 in the title of Figure 8-13 .............................................................................. 24
• Changed "Fault indication" To: "Over-Temperature Fault" in the 3-State Driver Recommendations for the TS/
CTRL Pin section .............................................................................................................................................26
• Changed: "Charge done indication" To: "End Power Transfer 0x00 (EPT Unknown)" in the 3-State Driver
Recommendations for the TS/CTRL Pin section ............................................................................................. 26
• Changed Table 8-6 .......................................................................................................................................... 26
• Replaced the paragraph following Table 8-6 ................................................................................................... 26
Changes from Revision B (August 2015) to Revision C (March 2018)
Page
• Changed From: WPC v1.1 To: WPC v1.2 throughout the document .................................................................1
• Deleted the Device Comparison Table .............................................................................................................. 5
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com