Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments BQ51221 Datasheet HTML 11Page - Texas Instruments BQ51221 Datasheet HTML 12Page - Texas Instruments BQ51221 Datasheet HTML 13Page - Texas Instruments BQ51221 Datasheet HTML 14Page - Texas Instruments BQ51221 Datasheet HTML 15Page - Texas Instruments BQ51221 Datasheet HTML 16Page - Texas Instruments BQ51221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
V
RECT
I
OUT
V
OUT
Figure 7-17. BQ51013B Typical Start-Up With a 1-A
System Load
I
OUT
V
OUT
V
RECT
Figure 7-18. Adaptive Communication Limit Event
Where the 400 mA Current Limit is Enabled (IOUT-DC
< 300 mA)
I
OUT
V
OUT
V
RECT
Figure 7-19. Adaptive Communication Limit Event
Where the Current Limit is IOUT + 50 mA (IOUT-DC >
300 mA)
Figure 7-20. RX Communication Packet Structure
1. Efficiency measured from DC input to the transmitter to DC output of the receiver. The BQ500210EVM-689
TX was used for these measurements. Measurement subject to change if an alternate TX is used.
2. Total droop experienced at the output is dependent on receiver coil design. The output impedance must be
low enough at that particular operating frequency in order to not collapse the rectifier below 5 V.
3. On-the-go mode is enabled by driving EN1 high. In this test, the external PMOS is connected between the
output of the BQ51013B device and the AD pin; therefore, any voltage source on the output is supplied to the
AD pin.
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com