Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 32 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 28Page - Texas Instruments BQ51221 Datasheet HTML 29Page - Texas Instruments BQ51221 Datasheet HTML 30Page - Texas Instruments BQ51221 Datasheet HTML 31Page - Texas Instruments BQ51221 Datasheet HTML 32Page - Texas Instruments BQ51221 Datasheet HTML 33Page - Texas Instruments BQ51221 Datasheet HTML 34Page - Texas Instruments BQ51221 Datasheet HTML 35Page - Texas Instruments BQ51221 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Spacer
Mobile
Device
Interface
Surface
Magnetic
Attractor
(example)
Secondary Coil
Shielding (optional)
Primary Shielding
dz
Figure 9-3. WPC V1.2 Receiver Coil Test Fixture For the Inductance Measurement Ls’ (Copied From
System Description Wireless Power Transfer, Volume 1: Low Power, Part 1 Interface Definition, Version
1.1)
The primary shield is to be 50 mm × 50 mm × 1 mm of Ferrite material PC44 from TDK Corp. The gap dZ is to be
3.4 mm. The receiver coil, as it will be placed in the final system (for example, the back cover and battery must
be included if the system calls for this), is to be placed on top of this surface and the inductance is to be
measured at 1-V RMS and a frequency of 100 kHz. This measurement is termed Ls’. The same measurement is
to be repeated without the test fixture shown in Figure 9-3. This measurement is termed Ls or the free-space
inductance. Each capacitor can then be calculated using Equation 6:
(
)
(
)
1
2
'
C
2
L
1
S
S
1
2
1
C
2
L
2
D
S
C
1
-
é
ù
=
´ p
´
ê
ú
ë
û
-
é
ù
=
´ p
´
-
ê
ú
ê
ú
ë
û
f
f
(6)
where
• fS is 100 kHz +5/-10%.
• fD is 1 MHz ±10%.
C1 must be chosen first prior to calculating C2.
The quality factor must be greater than 77 and can be determined by Equation 7:
S
2
L
D
Q
R
f
p ×
×
=
(7)
where
• R is the DC resistance of the receiver coil.
All other constants are defined above.
For this application, the selected coil inductance, Ls, is 11 µH and the Ls' is 16 µH with a DC resistance of 191
mΩ. Using Equation 6, the C1 resolves to 158.3 nF (with a range of 144 nF to 175 nF). For an optimum solution
of 3 capacitors in parallel, the chosen capacitors are 68 nF, 47 nF, and 39 nF for a total of 154 nF, well within the
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com