Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 2Page - Texas Instruments BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
PIN
I/O
DESCRIPTION
NAME
YFP
RHL
FOD
F2
14
I
Input for the rectified power measurement. See Section 8.3.16 for details.
ILIM
G1
12
I/O
Programming pin for the over current limit. The total resistance from ILIM to GND (RILIM) sets the
current limit. The schematic shown in Figure 9-1 illustrates the RILIM as R1 + RFOD. Details can be
found in Section 7.5 and Figure 9-1.
OUT
D1, D2,
D3, D4
4
O
Output pin, delivers power to the load.
PGND
A1, A2,
A3, A4
1, 20
Power ground
RECT
C2, C3
18
O
Filter capacitor for the internal synchronous rectifier. Connect a ceramic capacitor to PGND.
Depending on the power levels, the value may be 4.7 μF to 22 μF.
TS/CTRL
F1
13
I
Dual function pin: Temperature Sense (TS) and Control (CTRL) pin functionality.
For the TS functionality connect TS/CTRL to ground through a Negative Temperature Coefficient
(NTC) resistor. If an NTC function is not desired, connect to PGND with a 10-kΩ resistor. See Section
8.3.13 for more details.
For the CTRL functionality pull below VCTRL-Low or pull above VCTRL-High to send an End Power
Transfer Packet. See Table 8-4 for more details.
—
—
PAD
—
The exposed thermal pad should be connected to ground (PGND)
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2)
MIN
MAX
UNIT
Input voltage
AC1, AC2
–0.8
20
V
RECT, COMM1, COMM2, OUT, CHG, CLAMP1,
CLAMP2
–0.3
20
AD, AD-EN
–0.3
30
BOOT1, BOOT2
–0.3
26
EN1, EN2, FOD, TS/CTRL, ILIM
–0.3
7
Input current
AC1, AC2
2
A(RMS)
Output current
OUT
1.5
A
Output sink current
CHG
15
mA
COMM1, COMM2
1
A
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
All voltages are with respect to the VSS terminal, unless otherwise noted.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com