Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 1 Page - Texas Instruments

  BQ51221 Datasheet HTML 1Page - Texas Instruments BQ51221 Datasheet HTML 2Page - Texas Instruments BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power
Supply
1 Features
• Integrated Wireless Power Supply Receiver
Solution
– 93% Overall peak AC-DC efficiency
– Full synchronous rectifier
– WPC v1.2 compliant communication control
– Output voltage conditioning
– Only IC required between Rx coil and output
• Wireless power consortium (WPC) v1.2 compliant
(FOD enabled) highly accurate current sense
• Dynamic rectifier control for improved load
transient response
• Dynamic efficiency scaling for optimized
performance over wide range of output power
• Adaptive communication limit for robust
communication
• Supports 20-V maximum input
• Low-power dissipative rectifier overvoltage clamp
(VOVP = 15 V)
• Thermal shutdown
• Multifunction NTC and control pin for temperature
monitoring, charge complete, and fault host control
2 Applications
• WPC v1.2 compliant receivers
• Cell phones and smart phones
• Headsets
• Digital cameras
• Portable media players
• Handheld devices
3 Description
The BQ51013B device is a single-chip, advanced,
flexible, secondary-side device for wireless power
transfer in portable applications capable of providing
up to 5 W. The BQ51013B devices provide the
receiver (RX) AC-to-DC power conversion and
regulation while integrating the digital control required
to comply with the Wireless Power Consortium (WPC)
Qi v1.2 communication protocol. Together with the
BQ50012A primary-side controller (or other Qi
transmitter), the BQ51013B enables a complete
contactless power transfer system for a wireless
power supply solution. Global feedback is established
from the secondary to the primary to control the power
transfer process using the Qi v1.2 protocol.
The
BQ51013B
integrates
a
low-resistance
synchronous rectifier, low-dropout regulator (LDO),
digital control, and accurate voltage and current loops
to ensure high efficiency and low power dissipation.
The BQ51013B also includes a digital controller that
calculates the amount of power received by the
mobile device within the limits set by the WPC v1.2
standard. The controller then communicates this
information to the transmitter (TX) to allow the TX to
determine if a foreign object is present within the
magnetic interface and introduces a higher level of
safety within magnetic field. This Foreign Object
Detection (FOD) method is part of the requirements
under the WPC v1.2 specification.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BQ51013B
VQFN (20)
4.50 mm × 3.50 mm
DSBGA (28)
3.00 mm × 1.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
System
Load
PGND
OUT
EN1
AD
AD-EN
CHG
C
4
EN2
C
1
C
2
C
BOOT1
C
BOOT2
AC1
AC2
COMM2
ILIM
R
FOD
CLAMP2
C
COMM2
C
CLAMP2
COIL
BOOT1
RECT
C
3
NTC
TS/CTRL
BOOT2
CLAMP1
C
CLAMP1
C
COMM1
COMM1
HOST
Tri-State
Bi-State
Bi-State
FOD
R
1
R
4
D
1
R
OS
BQ51013B
Simplified Schematic
AC to DC
Voltage/
Current
Conditioning
Controller
Rectification
Drivers
System
Load
Controller
V/I
Sense
Power
Transmitter
Receiver
BQ51013B
Communication
Battery
Charger
LI-Ion
Battery
BQ500212A
Wireless Power System Overview
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: BQ51013B
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ51221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51221 TI1-BQ51221 Datasheet
1Mb / 49P
Single Chip Wireless Power Receiver
BQ51221 TI2-BQ51221 Datasheet
1Mb / 48P
bq51221 Dual Mode 5-W (WPC and PMA) Single Chip Wireless Power Receiver
REVISED JULY 2014
BQ51221YFPR TI1-BQ51221YFPR Datasheet
1Mb / 49P
Single Chip Wireless Power Receiver
BQ51221YFPR TI2-BQ51221YFPR Datasheet
1Mb / 48P
bq51221 Dual Mode 5-W (WPC and PMA) Single Chip Wireless Power Receiver
REVISED JULY 2014
BQ51221YFPR.A TI2-BQ51221YFPR.A Datasheet
1Mb / 48P
bq51221 Dual Mode 5-W (WPC and PMA) Single Chip Wireless Power Receiver
REVISED JULY 2014
More results

Similar Description - BQ51221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013B TI-BQ51013B Datasheet
2Mb / 40P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51003 TI1-BQ51003 Datasheet
2Mb / 34P
Highly Integrated Wireless Receiver Qi (WPC v1.1) Compliant Power Supply
BQ51010B TI1-BQ51010B Datasheet
1Mb / 33P
Highly Integrated Wireless Receiver Qi (WPC V1.1) Compliant Power Supply
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Texas Instruments
BQ51013B-Q1 TI-BQ51013B-Q1 Datasheet
5Mb / 49P
BQ51013B-Q1: Automotive Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
SLUSEE3 ??JULY 2021
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com