Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 24 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 20Page - Texas Instruments BQ51221 Datasheet HTML 21Page - Texas Instruments BQ51221 Datasheet HTML 22Page - Texas Instruments BQ51221 Datasheet HTML 23Page - Texas Instruments BQ51221 Datasheet HTML 24Page - Texas Instruments BQ51221 Datasheet HTML 25Page - Texas Instruments BQ51221 Datasheet HTML 26Page - Texas Instruments BQ51221 Datasheet HTML 27Page - Texas Instruments BQ51221 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Table 8-5. Adaptive Communication Limit
(continued)
IOUT
COMMUNICATION CURRENT LIMIT
> 300 mA
IOUT + 50 mA
The first mode is illustrated in Figure 7-18. In this plot, an output load pulse of 300 mA is periodically introduced
on a DC current level of 200 mA. Therefore, the 400 mA current limit is enabled. The pulses on VRECT indicate
that a communication packet event is occurring. When the output load pulse occurs, the regulator limits the pulse
to a constant 400 mA and, therefore, preserves communication. Note that VOUT drops to 4.5 V instead of GND.
A charger device with an input voltage regulation set to 4.5 V allows this to occur by offloading the load transient
support to the mobile device’s battery.
The second mode is illustrated in Figure 7-19. In this plot, an output pulse of 200 mA is periodically introduced
on a DC current level of 400 mA. Therefore, the tracking current mode (IOUT + 50 mA) is enabled. In this mode,
the BQ51013B measures the active output current and sets the regulator's current limit 50 mA above this
measurement. When the load pulse occurs during a communication packet event, the output current is regulated
to 450 mA. As the communication packet event has finished the output load is allowed to increase. Note that
during the time the regulator is in current limit VOUT is reduced to 4.5 V and 5 V when not in current limit.
8.3.12 Synchronous Rectification
The BQ51013B provides an integrated, self-driven synchronous rectifier that enables high-efficiency AC to DC
power conversion. The rectifier consists of an all NMOS H-Bridge driver where the backgates of the diodes are
configured to be the rectifier when the synchronous rectifier is disabled. During the initial start-up of the WPC
system the synchronous rectifier is not enabled. At this operating point, the DC rectifier voltage is provided by
the diode rectifier. Once VRECT is greater than VUVLO, half synchronous mode will be enabled until the load
current surpasses IBAT-SR. Above IBAT-SR the full synchronous rectifier stays enabled until the load current drops
back below the hysteresis level (IBAT-SRH) where half-synchronous mode is enabled re-enabled.
8.3.13 Temperature Sense Resistor Network (TS)
BQ51013B includes a ratiometric external temperature sense function. The temperature sense function has two
ratiometric thresholds which represent a hot and cold condition. An external temperature sensor is
recommended in order to provide safe operating conditions for the receiver product. This pin is best used for
monitoring the surface that can be exposed to the end user (place the NTC resistor closest to where the user
would physically contact the end product).
Figure 8-12 allows for any NTC resistor to be used with the given VHOT and VCOLD thresholds.
C3
R1
R3
NTC
R2
TS/CTRL
20 lQ
VTSB
C3
R1
NTC
R2
TS/CTRL
20 lQ
VTSB
Figure 8-12. NTC Circuit Options For Safe Operation of the Wireless Receiver Power Supply
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com