Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 28 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 24Page - Texas Instruments BQ51221 Datasheet HTML 25Page - Texas Instruments BQ51221 Datasheet HTML 26Page - Texas Instruments BQ51221 Datasheet HTML 27Page - Texas Instruments BQ51221 Datasheet HTML 28Page - Texas Instruments BQ51221 Datasheet HTML 29Page - Texas Instruments BQ51221 Datasheet HTML 30Page - Texas Instruments BQ51221 Datasheet HTML 31Page - Texas Instruments BQ51221 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
WPC v1.2 Transmitter is tested to see if it can detect reference Foreign Objects with a Reference receiver.
WPC v1.2 Specification will allow much more accurate sensing of Foreign Objects.
8.3.17 Receiver Coil Load-Line Analysis
When choosing a receiver coil, TI recommends analyzing the transformer characteristics between the primary
coil and receiver coil through load-line analysis. This will capture two important conditions in the WPC system:
• Operating point characteristics in the closed loop of the WPC system.
• Instantaneous transient response prior to the convergence of the new operating point.
An example test configuration for conducting this analysis is shown in Figure 8-16:
V
A
C
P
C
S
C
D
L
P
L
S
R
L
C
B
V
IN
Figure 8-16. Load-Line Analysis Test Bench
Where:
• VIN is a square-wave power source that should have a peak-to-peak operation of 19 V.
• CP is the primary series resonant capacitor (for example, 100 nF for Type A1 coil).
• LP is the primary coil of interest (such as, Type A1).
• LS is the secondary coil of interest.
• CS is the series resonant capacitor chosen for the receiver coil under test.
• CD is the parallel resonant capacitor chosen for the receiver coil under test.
• CB is the bulk capacitor of the diode bridge (voltage rating should be at least 25 V and capacitance value of at
least 10 µF)
• V is a Kelvin connected voltage meter
• A is a series ammeter
• RL is the load of interest
TI recommends that the diode bridge be constructed of Schottky diodes.
The test procedure is as follows
• Supply a 19-V AC signal to LP starting at a frequency of 210 kHz
• Measure the resulting rectified voltage from no load to the expected full load
• Repeat the above steps for lower frequencies (stopping at 110 kHz)
An example load-line analysis is shown in Figure 8-17:
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
28
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com