Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 34 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 34 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 30Page - Texas Instruments BQ51221 Datasheet HTML 31Page - Texas Instruments BQ51221 Datasheet HTML 32Page - Texas Instruments BQ51221 Datasheet HTML 33Page - Texas Instruments BQ51221 Datasheet HTML 34Page - Texas Instruments BQ51221 Datasheet HTML 35Page - Texas Instruments BQ51221 Datasheet HTML 36Page - Texas Instruments BQ51221 Datasheet HTML 37Page - Texas Instruments BQ51221 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
EN1 and EN2 to low (or float) states. The next ping of the BQ500212A will power the BQ51013B which will now
communicate that it is time to transfer power. The TX and RX communication resumes and power transfer is
reinitiated.
The TS/CTRL pin will be used as a temperature sensor (with the NTC) and maintain the ability to terminate
power transfer through the system controller. In this case, the GPIO will be in high impedance for normal NTC
(Temperature Sense) control.
The CHG pin is used to indicate power transfer. A 2.1-V forward bias LED is used for D1 with a current limiting
1.5-kΩ series resistor. The LED and resistor are tied from OUT to PGND and D1 will light during power transfer.
9.2.1.2.6 Current Limit and FOD
The current limit and foreign object detection functions are related. The current limit is set by R1 + RFOD. RFOD
and Ros are determined by FOD calibration. Default values of 20 kΩ for Ros and 196 Ω for RFOD are used. The
final values need to be determined based on the FOD calibration. The tool for FOD calibration can be found on
the BQ51013B web folder under "Tools & software". Good practice is to set the layout with 2 resistors for Ros
and 2 for RFOD to allow for precise values once the calibration is complete.
After setting RFOD, R1 can be calculated based on the desired current limit. The maximum current for this
solution under normal operating conditions (IMAX) is 1 A. Using Equation 2 to calculate the maximum current
yields a value of 262 Ω for RILIM. With RFOD set to 196 Ω the remaining resistance for R1 is 66 Ω. This also sets
the hardware current limit to 1.2 A to allow for temporary current surges without system performance concerns.
9.2.1.2.7 RECT and OUT Capacitance
RECT capacitance is used to smooth the AC to DC conversion and to prevent minor current transients from
passing to OUT. For this 1-A IMAX, select two 10-µF capacitors and one 0.1-µF capacitor. These should be rated
to 16 V.
OUT capacitance is used to reduce any ripple from minor load transients. For this solution, a single 10-µF
capacitor and a single 0.1-µF capacitor are used.
9.2.1.3 Application Curves
Figure 9-4 shows wireless power start-up when the RX is placed on the TX. In this case, the BQ500212A is used
as the transmitter. When the rectifier voltage stabilizes, the output is enabled and current is passed. In this case,
the load is resistive generating 900 mA. The pulses on the RECT pin indicate communication packets being
transferred from the RX to the TX.
Figure 9-5 shows a current transition. The plot shows a 1-A load removed then added again. Note the stability of
VOUT.
V
OUT
V
RECT
I
OUT
Figure 9-4. Start-Up With 900-mA Load
V
OUT
V
RECT
I
OUT
Figure 9-5. Load Transitions (1 A to 0 A to 1 A)
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com