Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 3 Page - Texas Instruments

  BQ51221 Datasheet HTML 1Page - Texas Instruments BQ51221 Datasheet HTML 2Page - Texas Instruments BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Changes from Revision A (October 2013) to Revision B (August 2015)
Page
• Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section................... 1
• Added VAD for clarity...........................................................................................................................................7
• Changed UVLO to VUVLO for clarity.................................................................................................................... 7
• Added VHYS-UVLO for clarity.................................................................................................................................7
• Added VHYS-OVP for clarity.................................................................................................................................. 7
• Added VCOLD-Hyst for clarity.................................................................................................................................7
• Added VHOT-Hyst for clarity...................................................................................................................................7
• Changed VCTRL for clarity................................................................................................................................... 7
• Changed TJ-SD and TJ-Hys for clarity................................................................................................................... 7
• Added VAD-Pres and VAD-PresH for clarity..............................................................................................................7
• Changed to VAD-Diff for clarity..............................................................................................................................7
• Added IOUT-SR and IOUT-SRH for clarity.................................................................................................................7
• Changed Conditons for correct EPT packet..................................................................................................... 20
Changes from Revision * (March 2013) to Revision A (October 2013)
Page
• Changed UVLO spec MIN value from 2.6 to 2.5 V............................................................................................. 7
• Changed ILIM_SC spec MIN value from 120 to 116 mA....................................................................................... 7
• Changed VOUT-REG , ILOAD = 1000 mA, MIN value from 4.93 to 4.95 V and ILOAD= 10 mA, MIN value from 4.93
to 4.96 V and MAX value from 5.04 to 5.06 V.................................................................................................... 7
• Changed ICOMM spec MIN, TYP, MAX values from 343, 378, 425 to 330, 381, and 426 mA respectively......... 7
• Changed IOUT spec MAX value from 130 to 135 mA for ILOAD 200 → 0 mA; and, TYP value from 25 to 30 mA
for ILOAD 0 → 200 mA......................................................................................................................................... 7
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com