Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments BQ51221 Datasheet HTML 11Page - Texas Instruments BQ51221 Datasheet HTML 12Page - Texas Instruments BQ51221 Datasheet HTML 13Page - Texas Instruments BQ51221 Datasheet HTML 14Page - Texas Instruments BQ51221 Datasheet HTML 15Page - Texas Instruments BQ51221 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
Figure 7-11. 1-A Load Dump Full System Response
V
OUT
V
RECT
Figure 7-12. Rectifier Overvoltage Clamp (fop = 110
kHz)
V
TS/CTRL
V
RECT
Figure 7-13. TS Fault
V
OUT
V
RECT
Figure 7-14. Adapter Insertion (VAD = 10 V)
V
OUT
V
RECT
Figure 7-15. Adapter Insertion (VAD = 10 V)
Illustrating Break-Before-Make Operation
V
AD
V
RECT
Figure 7-16. On-the-Go Enabled (VOTG = 3.5 V) ( 3 )
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com