Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments BQ51221 Datasheet HTML 11Page - Texas Instruments BQ51221 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
over operating free-air temperature range, –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILOAD = 300 mA,
0°C ≤ TJ ≤ 85°C
2
3
mA
IOUT
Quiescent current at the output when
wireless power is disabled (Standby)
VOUT = 5 V, 0°C ≤ TJ ≤ 85°C
20
35
µA
ILIM SHORT CIRCUIT
RILIM-SHORT
Highest value of ILIM resistance to ground
(RILIM) considered a fault (short). Monitored
for IOUT > 100 mA
RILIM: 200 Ω → 50 Ω. IOUT
latches off, cycle power to reset
120
Ω
tDGL-Short
Deglitch time transition from ILIM short to
IOUT disable
1
ms
IILIM_SHORT,OK
ILIM-SHORT,OK enables the ILIM short
comparator when IOUT is greater than this
value
ILOAD: 0 mA → 200 mA
116
145
165
mA
IILIM_SHORT,OK
HYST
Hysteresis for ILIM-SHORT,OK comparator
ILOAD: 0 mA → 200 mA
30
mA
IOUT
Maximum output current limit, CL
Maximum ILOAD that will be
delivered for 1 ms when ILIM is
shorted
2.45
A
OUTPUT
VOUT-REG
Regulated output voltage
ILOAD = 1000 mA
4.95
5.00
5.04
V
ILOAD = 10 mA
4.96
5.01
5.06
KILIM
Current programming factor for hardware
protection
RILIM = KILIM / IILIM, where IILIM is
the hardware current limit.
IOUT = 1 A
303
314
321
AΩ
KIMAX
Current programming factor for the nominal
operating current
IIMAX = KIMAX / RILIM where IMAX
is the maximum normal
operating current.
IOUT = 1 A
262
AΩ
IOUT
Current limit programming range
1500
mA
ICOMM
Current limit during WPC communication
IOUT > 300 mA
IOUT + 50
mA
IOUT < 300 mA
330
381
426
mA
tHOLD
Hold off time for the communication current
limit during start-up
1
s
TS / CTRL FUNCTIONALITY
VTS-Bias
Internal TS Bias Voltage (VTS is the voltage
at the TS/CTRL pin, VTS-Bias is thet internal
bias voltage)
ITS-Bias < 100 µA (periodically
driven see tTS/CTRL)
2
2.2
2.4
V
VCOLD
Rising threshold
VTS-Bias: 50% → 60%
56.5
58.7
60.8 %VTS-Bias
VCOLD-Hyst
Falling hysteresis
VTS-Bias: 60% → 50%
2
%VTS-Bias
VHOT
Falling threshold
VTS-Bias: 20% → 15%
18.5
19.6
20.7 %VTS-Bias
VHOT-Hyst
Rising hysteresis
VTS-Bias: 15% → 20%
3
%VTS-Bias
VCTRL-High
Voltage on CTRL pin for a high
0.2
5
V
VCTRL-Low
Voltage on CTRL pin for a low
0
0.05
mV
tTS/CTRL-Meas
Time period of TS/CTRL measurements
(when VTS-Bias is being driven internally)
Synchronous to the
communication period
24
ms
tTS-Deglitch
Deglitch time for all TS comparators
10
ms
RTS
Pullup resistor for the NTC network. Pulled
up to VTB-Bias
18
20
22
kΩ
THERMAL PROTECTION
TJ-SD
Thermal shutdown temperature
155
°C
TJ-Hys
Thermal shutdown hysteresis
20
°C
OUTPUT LOGIC LEVELS ON CHG
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com