Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments BQ51221 Datasheet HTML 11Page - Texas Instruments BQ51221 Datasheet HTML 12Page - Texas Instruments BQ51221 Datasheet HTML 13Page - Texas Instruments BQ51221 Datasheet HTML 14Page - Texas Instruments BQ51221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
5.0
5.5
6.0
6.5
7.0
7.5
0
200
400
600
800
1000
1200
I
(mA)
OUT
RILIM = 250 Ω
RILIM = 750 Ω
RILIM = 250 Ω and 750 Ω
Figure 7-5. Impact of Maximum Current setting
(RILIM) on Rectifier Voltage (VRECT)
4.945
4.95
4.955
4.96
4.965
4.97
4.975
4.98
4.985
4.99
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Current (A)
Maximum Current = 1 A
Figure 7-6. Impact of Load Current on Output
Voltage
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
Load Current (A)
COUT = 1 µf
Without Communication
Figure 7-7. Impact of Load Current on Output
Ripple
4.998
5.000
5.002
5.004
0
20
40
60
80
100
120
Temperature (°C)
Figure 7-8. VOUT vs Temperature
Figure 7-9. 1-A Instantaneous Load Dump ( 2 )
Figure 7-10. 1-A Load Step Full System Response
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com