Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 4 Page - Texas Instruments

  BQ51221 Datasheet HTML 1Page - Texas Instruments BQ51221 Datasheet HTML 2Page - Texas Instruments BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
5 Device Comparison Table
DEVICE
FUNCTION
VOUT (VBAT-REG)
PROTOCOL
MAXIMUM POUT
I2C
BQ51003
Wireless Receiver
5 V
Qi v1.2
2.5 W
No
BQ51013B Wireless Receiver
5 V
Qi v1.2
5 W
No
BQ51010B Wireless Receiver
7 V
Qi v1.1
5 W
No
BQ51020
Wireless Receiver
4.5 to 8 V
Qi v1.1
5 W
No
BQ51021
Wireless Receiver
4.5 to 8 V
Qi v1.1
5 W
Yes
BQ51221
Dual Mode Wireless Receiver
4.5 to 8 V
Qi v1.1, PMA
5 W
Yes
BQ51025
Wireless Receiver
4.5 to 10 V
Qi v1.2 (in 5 W mode)
10 W
Yes
BQ51050B
Wireless Receiver and Direct
Charger
4.2 V
Qi v1.1
5 W
No
BQ51051B
Wireless Receiver and Direct
Charger
4.35 V
Qi v1.1
5 W
No
BQ51052B
Wireless Receiver and Direct
Charger
4.4 V
Qi v1.1
5 W
No
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com