Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments BQ51221 Datasheet HTML 11Page - Texas Instruments BQ51221 Datasheet HTML 12Page - Texas Instruments BQ51221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
over operating free-air temperature range, –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Open-drain CHG pin
ISINK = 5 mA
500
mV
IOFF
CHG leakage current when disabled
V CHG = 20 V
1
µA
COMM PIN
RDS(ON)
COMM1 and COMM2
VRECT = 2.6 V
1.5
Ω
fCOMM
Signaling frequency on COMM pin
2
kbps
IOFF
COMMx pin leakage current
VCOMM1 = 20 V, VCOMM2 = 20 V
1
µA
CLAMP PIN
RDS(ON)
CLAMP1 and CLAMP2
0.8
Ω
ADAPTER ENABLE
VAD-Pres
VAD Rising threshold voltage
VAD 0 V → 5 V
3.5
3.6
3.8
V
VAD-PresH
VAD hysteresis
VAD 5 V → 0 V
400
mV
IAD
Input leakage current
VRECT = 0 V, VAD = 5 V
60
μA
RAD
Pullup resistance from AD-ENto OUT when
adapter mode is disabled and VOUT > VAD,
EN-OUT
VAD = 0 V, VOUT = 5 V
200
350
Ω
VAD-Diff
Voltage difference between VAD and V AD-EN
when adapter mode is enabled
VAD = 5 V, 0°C ≤ TJ ≤ 85°C
3
4.5
5
V
SYNCHRONOUS RECTIFIER
IOUT-SR
IOUT at which the synchronous rectifier
enters half-synchronous mode, SYNC_EN
ILOAD 200 mA → 0 mA
80
100
135
mA
IOUT-SRH
Hysteresis for IOUT,SR (full-synchronous
mode enabled)
ILOAD 0 mA → 200 mA
30
mA
VHS-DIODE
High-side diode drop when the rectifier is in
half-synchronous mode
IAC-VRECT = 250 mA and
TJ = 25°C
0.7
V
EN1 AND EN2
VIL
Input low threshold for EN1 and EN2
0.4
V
VIH
Input high threshold for EN1 and EN2
1.3
V
RPD
EN1 and EN2 pulldown resistance
200
kΩ
ADC (WPC RELATED MEASUREMENTS AND COEFFICIENTS)
IOUT SENSE
Accuracy of the current sense over the load
range
IOUT = 750 mA - 1000 mA
–1.5%
0%
0.9%
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com