Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 5 Page - Texas Instruments

  BQ51221 Datasheet HTML 1Page - Texas Instruments BQ51221 Datasheet HTML 2Page - Texas Instruments BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
6 Pin Configuration and Functions
1
2
3
4
A
B
C
D
E
F
G
Not to scale
PGND
PGND
PGND
PGND
AC2
AC2
AC1
AC1
BOOT2
RECT
RECT
BOOT1
OUT
OUT
OUT
OUT
COMM2
CLAMP2
CLAMP1
COMM1
TS/CTRL
FOD
AD-EN
CHG
ILIM
EN2
EN1
AD
Figure 6-1. YFP Package 28-Pin DSBGA Top View
Thermal
Pad
2
AC1
3
BOOT1
4
OUT
5
CLAMP1
6
COMM1
7
CHG
8
AD-EN
9
AD
12
ILIM
13
TS/CTRL
14
FOD
15
COMM2
16
CLAMP2
17
BOOT2
18
RECT
19
AC2
Not to scale
The exposed thermal pad should be connected to ground.
Figure 6-2. RHL Package 20-Pin VQFN Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
YFP
RHL
AC1
B3, B4
2
I
AC input from receiver coil.
AC2
B1, B2
19
I
AD
G4
9
I
If AD functionality is used, connect this pin to the wired adapter input. When VAD-Pres is applied to this
pin wireless charging is disabled and AD_EN is driven low. Connect a 1-µF capacitor from AD to
PGND. If unused, the capacitor is not required and AD should be connected directly to PGND.
AD-EN
F3
8
O
Push-pull driver for external PFET when wired charging is active. Float if not used.
BOOT1
C4
3
O
Bootstrap capacitors for driving the high-side FETs of the synchronous rectifier. Connect a 10-nF
ceramic capacitor from BOOT1 to AC1 and from BOOT2 to AC2.
BOOT2
C1
17
O
CHG
F4
7
O
Open-drain output – active when OUT is enabled. Float or tie to PGND if unused.
CLAMP2
E2
16
O
Open-drain FETs which are used for a non-power dissipative overvoltage AC clamp protection. When
the RECT voltage goes above 15 V, both switches will be turned on and the capacitors will act as a
low impedance to protect the device from damage. If used, capacitors are used to connect CLAMP1 to
AC1 and CLAMP2 to AC2. Recommended connections are 0.47-µF capacitors.
CLAMP1
E3
5
O
COMM1
E4
6
O
Open-drain outputs used to communicate with primary by varying reflected impedance. Connect a
capacitor from COMM1 to AC1 and a capacitor from COMM2 to AC2 for capacitive load modulation.
For resistive modulation connect COMM1 and COMM2 to RECT through a single resistor. See Section
8.3.10 for more information.
COMM2
E1
15
O
EN1
G3
10
I
Inputs that allow user to enable and disable wireless and wired charging <EN1 EN2>:
<00> Wireless charging is enabled unless AD voltage > VAD_Pres.
<01> Dynamic communication current limit disabled.
<10> AD-EN pulled low, wireless charging disabled.
<11> Wired and wireless charging disabled.
EN2
G2
11
I
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com