Electronic Components Datasheet Search
  English  ▼

X  

BQ51221 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ51221
Description  BQ51013B Highly Integrated Wireless Receiver Qi (WPC v1.2) Compliant Power Supply
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ51221 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ51221 Datasheet HTML 3Page - Texas Instruments BQ51221 Datasheet HTML 4Page - Texas Instruments BQ51221 Datasheet HTML 5Page - Texas Instruments BQ51221 Datasheet HTML 6Page - Texas Instruments BQ51221 Datasheet HTML 7Page - Texas Instruments BQ51221 Datasheet HTML 8Page - Texas Instruments BQ51221 Datasheet HTML 9Page - Texas Instruments BQ51221 Datasheet HTML 10Page - Texas Instruments BQ51221 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VRECT
Voltage
RECT
4
10
V
IRECT
Current through
internal rectifier
RECT
1.5
A
IOUT
Output current
OUT
1.5
A
VAD
Adapter voltage
AD
15
V
IAD-EN
Sink current
AD-EN
1
mA
ICOMM
COMMx sink current
COMM1, COMM2
500
mA
TJ
Junction temperature
0
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
BQ51013B
UNIT
RHL (VQFN)
YFP (DSBGA)
20 PiNS
28 PINS
RθJA
Junction-to-ambient thermal resistance
37.7
58.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.5
0.2
°C/W
RθJB
Junction-to-board thermal resistance
13.6
9.1
°C/W
ψJT
Junction-to-top characterization parameter
0.5
1.4
°C/W
ψJB
Junction-to-board characterization parameter
13.5
8.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.7
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
over operating free-air temperature range, –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO
Undervoltage lockout
VRECT: 0 V → 3 V
2.5
2.7
2.8
V
VHYS-UVLO
Hysteresis on UVLO
VRECT: 3 V → 2 V
250
mV
VRECT-OVP
Input overvoltage threshold
VRECT: 5 V → 16 V
14.5
15
15.5
V
VHYS-OVP
Hysteresis on OVP
VRECT: 16 V → 5 V
150
mV
VRECT-Th1
Dynamic VRECT Threshold 1
ILOAD < 0.1 x IIMAX (ILOAD rising)
7.08
V
VRECT-Th2
Dynamic VRECT Threshold 2
0.1 x IIMAX < ILOAD < 0.2 x IIMAX
(ILOAD rising)
6.28
V
VRECT-Th3
Dynamic VRECT Threshold 3
0.2 x IIMAX < ILOAD < 0.4 x IIMAX
(ILOAD rising)
5.53
V
VRECT-Th4
Dynamic VRECT Threshold 4
ILOAD > 0.4 x IIMAX (ILOAD rising)
5.11
V
VRECT-Track
VRECT TRACKING
In current limit, voltage above
VOUT
VOUT+0.25
V
ILOAD
ILOAD Hysteresis for dynamic VRECT
thresholds as a % of IILIM
ILOAD falling
4%
VRECT-DPM
Rectifier undervoltage protection, restricts
IOUT at VRECT-DPM
3
3.1
3.2
V
VRECT-REV
Rectifier reverse voltage protection at the
output
VRECT-REV = VOUT - VRECT,
VOUT = 10 V
8
9
V
QUIESCENT CURRENT
IRECT
Active chip quiescent current consumption
from RECT
ILOAD = 0 mA, 0°C ≤ TJ ≤ 85°C
8
10
mA
www.ti.com
BQ51013B
SLUSB62D – MARCH 2013 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BQ51013B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com