Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 12Page - Texas Instruments LM76005 Datasheet HTML 13Page - Texas Instruments LM76005 Datasheet HTML 14Page - Texas Instruments LM76005 Datasheet HTML 15Page - Texas Instruments LM76005 Datasheet HTML 16Page - Texas Instruments LM76005 Datasheet HTML 17Page - Texas Instruments LM76005 Datasheet HTML 18Page - Texas Instruments LM76005 Datasheet HTML 19Page - Texas Instruments LM76005 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Enable
Internal SS Ramp
Ext Tracking Signal to SS pin
VOUT
Figure 7-5. Tracking with Longer Start-up Time than the Internal Ramp
Enable
Internal SS Ramp
Ext Tracking Signal to SS pin
VOUT
Figure 7-6. Tracking with Shorter Start-up Time than the Internal Ramp
The LM76005 is capable of start-up into pre-biased output conditions. During start-up, the device sets the
minimum inductor current to zero to avoid discharging a pre-biased load.
7.3.7 Adjustable Switching Frequency (RT) and Frequency Synchronization
The switching frequency of the LM76005 can be programmed by the impedance RT from the RT pin to ground.
The frequency is inversely proportional to the RT resistance. The RT pin can be left floating, and the LM76005
operates at 400-kHz default switching frequency. The RT pin is not designed to be shorted to ground.
For an desired frequency, RT can be found by:
T
38400
R (k ) =
Frequency(kHz)
14.33
:
(6)
Table 7-1. Switching Frequency vs RT
SWITCHING FREQUENCY (kHz)
RT RESISTANCE (kΩ)
200
206.82
300
134.42
400
99.57
500
79.07
The LM76005 switching action can also be synchronized to an external clock from 200 kHz to 500 kHz. TI
recommends connecting an external clock to the SYNC pin with an appropriate termination resistor. Ground the
SYNC pin if not used.
SYNC
R
TERM
EXT CLOCK
Figure 7-7. Frequency Synchronization
The recommendations for the external clock include high level no lower than 2 V, low level no higher than 0.4 V,
duty cycle between 10% and 90%, and both positive and negative pulse width no shorter than 80 ns. When the
external clock fails at logic high or low, the LM76005 switches at the frequency programmed by the RT resistor
after a time-out period. TI recommends connecting a resistor RT to the RT pin so that the internal oscillator
frequency is the same as the target clock frequency when the LM76005 is synchronized to an external clock.
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com