Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 47 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 43Page - Texas Instruments LM76005 Datasheet HTML 44Page - Texas Instruments LM76005 Datasheet HTML 45Page - Texas Instruments LM76005 Datasheet HTML 46Page - Texas Instruments LM76005 Datasheet HTML 47Page - Texas Instruments LM76005 Datasheet HTML 48Page - Texas Instruments LM76005 Datasheet HTML 49Page - Texas Instruments LM76005 Datasheet HTML 50Page - Texas Instruments LM76005 Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
22X (0.75)
30X (0.25)
26X (0.5)
(3.65)
(5.8)
(0.57)
TYP
8X (0.8)
(R0.05) TYP
8X
(0.94)
8X (0.6)
(0.5) TYP
(1.14)
TYP
WQFN - 0.8 mm max height
RNP0030B
PLASTIC QUAD FLATPACK - NO LEAD
4222784/B 09/2017
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 31:
74.3% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SCALE:20X
SYMM
1
11
12
15
16
26
27
30
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com