Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 5Page - Texas Instruments LM76005 Datasheet HTML 6Page - Texas Instruments LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments LM76005 Datasheet HTML 11Page - Texas Instruments LM76005 Datasheet HTML 12Page - Texas Instruments LM76005 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
6.8 System Characteristics
The following specifications apply to the circuit found in the typical application schematic with appropriate
modifications. These parameters are not tested in production and represent typical performance only. Unless
otherwise stated the following conditions apply: TA = 25°C, VIN = 24 V, VOUT = 3.3 V, fSW = 400 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB_PFM
Output voltage offset at no load
in auto mode
VIN = 3.8 V to 36 V, VSYNC = 0 V, auto mode
IOUT = 0 A
2%
Vdrop
Minimum input to output
voltage differential to maintain
specified accuracy
VOUT = 5 V, IOUT = 1.5 A, fSW = 400 kHz
0.65
V
IQ_SW
Operating quiescent current
(switching)
VEN = 3.3 V, IOUT = 0 A, RT = open, VBIAS =
VOUT = 3.3 V, RFBT = 1 Meg
15
µA
IPEAK_MIN
Minimum inductor peak current VSYNC = 0 V, IOUT = 10 mA
1
A
IBIAS_SW
Operating quiescent current
from external VBIAS (switching)
fSW = 400 kHz, IOUT = 1 A
7
mA
DMAX
Maximum switch duty cycle
While in frequency foldback
97.5%
tDEAD
Dead time between high-side
and low-side MOSFETs
4
ns
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com