Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 6Page - Texas Instruments LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments LM76005 Datasheet HTML 11Page - Texas Instruments LM76005 Datasheet HTML 12Page - Texas Instruments LM76005 Datasheet HTML 13Page - Texas Instruments LM76005 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
6.9 Typical Characteristics
Unless otherwise specified, VIN = 24 V. Curves represent most likely parametric norm at specified condition.
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
20
30
40
50
60
70
80
90
100
110
120
130
140
D001
HS Switch
LS Switch
Figure 6-1. High-Side and Low-Side Switch RDS-ON
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
D002
VIN = 24 V
VIN = 3.5 V
VIN = 60 V
Figure 6-2. Shutdown Quiescent Current
Input Voltage (V)
0
6
12
18
24
30
36
42
48
54
60
1
1.001
1.002
1.003
1.004
1.005
1.006
1.007
1.008
D003
Temp = 40qC
Temp = 25qC
Temp = 125qC
Figure 6-3. Feedback Voltage
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1
1.2
1.4
D008
VEN_VOUT Rising
VEN_VOUT Falling
VEN_VCC Rising
VEN_VCC Falling
Figure 6-4. Enable Threshold
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
85
90
95
100
105
110
115
D009
OV Tripping
OV Recovery
UV Recovery
UV Tripping
Figure 6-5. PGOOD Threshold
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com