Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 26 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 22Page - Texas Instruments LM76005 Datasheet HTML 23Page - Texas Instruments LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments LM76005 Datasheet HTML 26Page - Texas Instruments LM76005 Datasheet HTML 27Page - Texas Instruments LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments LM76005 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
ΔVOUT-C = ΔiL / (8 × fSW × COUT)
(19)
The two components in the voltage ripple are not in phase, so the actual peak-to-peak ripple is smaller than the
sum of the two peaks.
Output capacitance is usually limited by transient performance specifications if the system requires tight voltage
regulation in the presence of large current steps and fast slew rates. When a fast large load transient happens,
output capacitors provide the required charge before the inductor current can slew to the appropriate level. The
initial output voltage step is equal to the load current step multiplied by the ESR. VOUT continues to droop until
the control loop response increases or decreases the inductor current to supply the load. To maintain a small
overshoot or undershoot during a transient, small ESR, and large capacitance are desired. But these also come
with higher cost and size. Thus, the motivation is to seek a fast control loop response to reduce the output
voltage deviation.
For a given input and output requirement, Equation 20 gives an approximation for an absolute minimum output
cap required:
2
OUT
SW
OUT
OUT
1
r
C
(1 D )
D
(1 r)
(f
r
V
/ I
)
12
ª
º
·
§
c
c
!
u
u
u
«
»
¸
¨¨
¸
u u '
«
»
©
¹
¬
¼
(20)
Along with this for the same requirement, calculate the maximum ESR as per Equation 21:
SW
OUT
D '
1
ESR <
+ 0.5
f
C
r
·
§
u ¨
¸
u
©
¹
(21)
where
• r = ripple ratio of the inductor ripple current (ΔiL / IOUT)
• ΔVO = target output voltage undershoot
• D’ = 1 – duty cycle
• fSW = switching frequency
• IOUT = load current
A general guideline for COUT range is that COUT must be larger than the minimum required output capacitance
calculated by Equation 20. Limit the maximum value of total output capacitance to between 800 μF and 1200 μF.
Large values of output capacitance can prevent the regulator from starting up correctly and adversely effect the
loop stability. If values greater than the given range are to be used, then a careful study of start-up at full load
and loop stability must be performed.
In applications with VOUT less than 3.3 V, it is critical that low ESR output capacitors are selected. This limits
potential output voltage overshoots as the input voltage falls below the device normal operating range. To
optimize the transient behavior a feedforward capacitor can be added in parallel with the upper feedback
resistor. For this design example, three 47-µF, 10-V, X7R ceramic capacitors are used in parallel.
8.2.2.7 Feedforward Capacitor
The LM76005 is internally compensated. Depending on the VOUT and frequency FS, if the output capacitor COUT
is dominated by low ESR (ceramic types) capacitors, it can result in low phase margin. To improve the phase
boost an external feedforward capacitor, CFF can be added in parallel with RFBT. CFF is chosen such that phase
margin is boosted at the crossover frequency without CFF. A simple estimation for the crossover frequency
without CFF (fx) is shown in Equation 22, assuming COUT has very small ESR.
X
OUT
OUT
15.46
f
V
C
u
(22)
Equation 23 for CFF was tested:
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com