Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 16Page - Texas Instruments LM76005 Datasheet HTML 17Page - Texas Instruments LM76005 Datasheet HTML 18Page - Texas Instruments LM76005 Datasheet HTML 19Page - Texas Instruments LM76005 Datasheet HTML 20Page - Texas Instruments LM76005 Datasheet HTML 21Page - Texas Instruments LM76005 Datasheet HTML 22Page - Texas Instruments LM76005 Datasheet HTML 23Page - Texas Instruments LM76005 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
7.4.6 Light Load Mode
At light output current loads, PFM is activated for the highest efficiency possible. When the inductor current does
not reach IPEAK_MIN during a switching cycle, the on-time is increased, and the switching frequency reduces as
needed to maintain proper regulation. The on-time has a maximum value of 8 µs to avoid large output voltage
ripple in dropout conditions. Efficiency is greatly improved by reducing switching and gate-drive losses. During
light-load mode of operation, the LM76005 operates with a minimum quiescent current of 10 to 15 µA (typical).
7.4.7 Foldback Mode
Foldback protection modes are entered when the duty cycle exceeds the minimum on- and off-times of the
device. At very high duty cycles, where the minimum off-time is not satisfied, the frequency folds back to allow
more time for the peak current command to be reached. The maximum on-time is 8 µs, which limits the
maximum duty cycle in dropout to 98%. At very low duty cycles when the minimum on-time is reached, the
device maintains regulation by dropping the frequency to allow more time for the inductor current to discharge
the output capacitor. Foldback mode is exited once the minimum on-time and off-times are satisfied.
7.4.8 Forced Pulse-Width-Modulation Mode
FPWM is employed when the FPWM pin is pulled high, or the device is synchronized to an external clock. In this
mode, diode emulation is turned off, and the device remains in CCM over the full load range. In FPWM
operation, the frequency of operation is constant and fixed unless the minimum tON or tOFF are exceeded, which
cause the device to enter foldback mode. In these cases, PWM operation is still maintained, but the frequency of
operation is folded back (reduced) to maintain proper regulation. DC accuracy is highest in FPWM mode.
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com