Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 24 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 20Page - Texas Instruments LM76005 Datasheet HTML 21Page - Texas Instruments LM76005 Datasheet HTML 22Page - Texas Instruments LM76005 Datasheet HTML 23Page - Texas Instruments LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments LM76005 Datasheet HTML 26Page - Texas Instruments LM76005 Datasheet HTML 27Page - Texas Instruments LM76005 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
The choice of switching frequency is a compromise between conversion efficiency and overall solution size.
Lower switching frequency implies reduced switching losses and usually results in higher system efficiency.
However, higher switching frequency allows for the use of smaller inductors and output capacitors, hence, a
more compact design. When choosing operating frequency, the most important consideration is thermal
limitations. This constraint typically dominates frequency selection. For the LM76005, the safe operating area is
controlled by the thermal performance (RθJA=18.8 °C/W); see Figure 8-3.
Ambient Temperature (°C)
25
50
75
100
125
150
0
1
2
3
4
5
6
lm76
Figure 8-3. LM76005 Safe Operating Area (5 VOUT, 400 kHz, RθJA=18.8 °C/W)
8.2.2.4 Input Capacitors
The LM76005 device requires an input decoupling and, depending on the application, a bulk input capacitor. The
typical recommended value for the high frequency decoupling capacitor is 10 μF to 22 μF. TI recommends a
high-quality ceramic type X5R or X7R with sufficiency voltage rating. The voltage rating must be greater than the
maximum input voltage. To compensate the derating of ceramic capacitors, a voltage rating of twice the
maximum input voltage is recommended.
Many times, it is desirable and necessary to use an electrolytic capacitor on the input in parallel with the
ceramics. This is especially true if the LM76005 circuit is not located within approximately 5 cm from the input
voltage source. This capacitor can help damp any ringing on the input supply caused by the long power leads
and the associated inductance. The use of this additional capacitor also helps with momentary voltage dips
caused by input supplies with unusually high impedance. The optimum value for this capacitor is four times the
ceramic input capacitance with ESR close to the characteristic impedance of the LC filter formed by the
application input inductance and ceramic input capacitors.
For this design, two 4.7-μF, X7R dielectric capacitors rated for 100 V are used for the input decoupling
capacitance. A single capacitor can aslo be used that has an equivalent series resistance (ESR) of
approximately 3 mΩ, and an RMS current rating of 5 A. Include a capacitor with a value of 47 nF for high-
frequency filtering and place it as close as possible to the device pins.
Note
DC-Bias Effect: High capacitance ceramic capacitors have a DC-bias derating effect, which has a
strong influence on the final effective capacitance. Therefore, choose the right capacitor value
carefully. Package size and voltage rating in combination with dielectric material are responsible for
differences between the rated capacitor value and the effective capacitance.
8.2.2.5 Inductor Selection
The first criterion for selecting an output inductor is the inductance itself. In most buck converters, this value is
based on the desired peak-to-peak ripple current, ΔiL that flows in the inductor along with the load current. As
with switching frequency, the selection of the inductor is a tradeoff between size and cost. Higher inductance
means lower ripple current and hence lower output voltage ripple. Lower inductance results in smaller, less
expensive devices. An inductance that gives a ripple current of 20% to 40% of the maximum output current is a
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com