Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 48 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 43Page - Texas Instruments LM76005 Datasheet HTML 44Page - Texas Instruments LM76005 Datasheet HTML 45Page - Texas Instruments LM76005 Datasheet HTML 46Page - Texas Instruments LM76005 Datasheet HTML 47Page - Texas Instruments LM76005 Datasheet HTML 48Page - Texas Instruments LM76005 Datasheet HTML 49Page - Texas Instruments LM76005 Datasheet HTML 50Page - Texas Instruments LM76005 Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
30X
0.3
0.2
1.8 0.1
22X
0.65
0.45
0.8
0.7
(0.1) TYP
0.05
0.00
26X 0.5
2X
5
4.5 0.1
2X 1.5
8X
0.5
0.3
A
4.1
3.9
B
6.1
5.9
WQFN - 0.8 mm max height
RNP0030G
PLASTIC QUAD FLATPACK - NO LEAD
4229347/A 01/2023
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
11
16
26
12
15
30
27
X 0.3)
(45
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
SYMM
SYMM
31
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 2.700



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com