Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 37 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 33Page - Texas Instruments LM76005 Datasheet HTML 34Page - Texas Instruments LM76005 Datasheet HTML 35Page - Texas Instruments LM76005 Datasheet HTML 36Page - Texas Instruments LM76005 Datasheet HTML 37Page - Texas Instruments LM76005 Datasheet HTML 38Page - Texas Instruments LM76005 Datasheet HTML 39Page - Texas Instruments LM76005 Datasheet HTML 40Page - Texas Instruments LM76005 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
• RθJA = junction-to-ambient thermal resistance of the device in °C/W
• TA = ambient temperature in °C.
The maximum operating junction temperature of the LM76005 is 125°C. RθJA is highly related to PCB size and
layout, as well as environmental factors such as heat sinking and air flow. Figure 10-2 shows measured results
of RθJA with different copper area on a 2-layer board and a 4-layer board.
10
12
14
16
18
20
22
24
26
28
30
20
30
40
50
60
70
80
1W @0 fpm - 2layer
1W @0 fpm - 4layer
2W @0 fpm - 2layer
2W @0 fpm - 4layer
Copper Area
30mm × 30mm
40mm × 40mm
50mm × 50mm
70mm ×70mm
Figure 10-2. Measured RθJA versus PCB Copper Area on a 2-Layer Board and a 4-Layer Board
10.1.4 Feedback Resistors
To reduce noise sensitivity of the output voltage feedback path, it is important to place the resistor divider and
CFF close to the FB pin, rather than close to the load. The FB pin is the input to the error amplifier, so it is a high
impedance node and very sensitive to noise. Placing the resistor divider and CFF closer to the FB pin reduces
the trace length of FB signal and reduces noise coupling. The output node is a low impedance node, so the trace
from VOUT to the resistor divider can be long if short path is not available.
If voltage accuracy at the load is important, make sure voltage sense is made at the load. Doing so corrects for
voltage drops along the traces and provide the best output accuracy. The voltage sense trace from the load to
the feedback resistor divider must be routed away from the SW node path, the inductor, and VIN path to avoid
contaminating the feedback signal with switch noise, while also minimizing the trace length. This is most
important when high value resistors are used to set the output voltage. TI recommends routing the voltage sense
trace on a different layer than the inductor, SW node, and VIN path, such that there is a ground plane in between
the feedback trace and inductor / SW node / VIN polygon. This provides further shielding for the voltage
feedback path from switching noises.
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com