Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 27 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 23Page - Texas Instruments LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments LM76005 Datasheet HTML 26Page - Texas Instruments LM76005 Datasheet HTML 27Page - Texas Instruments LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments LM76005 Datasheet HTML 30Page - Texas Instruments LM76005 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
u
S
u
FF
x
FBT
FBT
FBB
1
1
C
2 f
R
(R
/ /R
)
(23)
If capacitors with high ESR are used, CFF is not required. The CFF capacitor creates a time constant with RFBT
that couples the attenuated output voltage ripple to the FB node. Using a value that is too large for CFF can
couple too much ripple to FB node and affect output voltage regulation. For capacitors with medium ESR (20 –
200 mΩ), Equation 1 can be used as a quick starting point. For the application in this design example, a 47-pF
C0G capacitor is used.
8.2.2.8 Bootstrap Capacitors
Every LM76005 design requires a bootstrap capacitor, CBOOT. The recommended bootstrap capacitor is 0.47 μF
and rated at 6.3 V or greater. The bootstrap capacitor is located between the SW pin and the BOOT pin. The
bootstrap capacitor must be a high-quality ceramic type with X7R or X5R grade dielectric for temperature
stability.
For improved EMI performance, a boot resistor can be added in series with the bootstrap capacitor. The boot
resistor will slow down the rising edge of the switch node.
8.2.2.9 VCC Capacitors
The VCC pin is the output of an internal LDO for LM76005. The input for this LDO comes from either VIN or
BIAS (please refer to functional block diagram for LM76005). To ensure stability of the part, place a 1-µF to 2.2-
µF, 10-V capacitor for this pin. Never short VCC pin to ground during operation.
8.2.2.10 BIAS Capacitors
For an output voltage of 3.3 V and greater, connect the BIAS pin to the output to increase light load efficiency.
The BIAS pin is one of the two inputs for the VCC LDO. When BIAS voltage is below VBIAS-ON threshold, the
input for the VCC LDO is internally connected to VIN. Because this is an LDO, the voltage differences between
the input and output affects the efficiency of the LDO. If necessary, a capacitor with a value of 1 μF can be
added close to the BIAS pin as an input capacitor for the LDO.
8.2.2.11 Soft-Start Capacitors
The SS pin can be left floating, and the LM76005 implements a soft-start time of 6.3 ms. To use an external soft-
start capacitor, the capacitor must be sized so that the soft-start time is greater than 6.3 ms. Use Equation 24 to
calculate the soft-start capacitor value:
CSS = ISSC × tSS
(24)
With a desired soft-start time of 11 ms, a soft-start charging current of 2 µA, and an internal VREF of 1 V,
Equation 24 yields a soft-start capacitor value of 22 nF.
8.2.2.12 Undervoltage Lockout Setpoint
The undervoltage lockout (UVLO) is adjusted using the external voltage divider network of RENT and RENB. RENT
is connected between the PVIN pin and the EN pin of the LM76005. RENB is connected between the EN pin and
the GND pin. The UVLO has two thresholds, one for power up when the input voltage is rising and one for power
down or brownouts when the input voltage is falling. Equation 25 can be used to determine the VIN UVLO level.
VIN-UVLO-RISING = VENH × (RENB + RENT) / RENB
(25)
The EN rising threshold (VENH) for LM76005 is set to be 1.204 V (typical). Choose the value of RENB to be 100
kΩ to minimize input current from the supply. If the desired VIN UVLO level is at 5 V, then the value of RENT can
be calculated using Equation 26:
RENT = (VIN-UVLO-RISING / VENH – 1) × RENB
(26)
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com