Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 25 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 21Page - Texas Instruments LM76005 Datasheet HTML 22Page - Texas Instruments LM76005 Datasheet HTML 23Page - Texas Instruments LM76005 Datasheet HTML 24Page - Texas Instruments LM76005 Datasheet HTML 25Page - Texas Instruments LM76005 Datasheet HTML 26Page - Texas Instruments LM76005 Datasheet HTML 27Page - Texas Instruments LM76005 Datasheet HTML 28Page - Texas Instruments LM76005 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
good starting point. (ΔiL = (1/5 to 2/5) × IOUT). The peak-to-peak inductor current ripple can be found by Equation
15 and the range of inductance can be found by Equation 14 with the typical input voltage used as VIN.
IN
OUT
L
SW
(V
V
) D
i
L f
u
'
u
(14)
IN
OUT
IN
OUT
SW
L-MAX
SW
L-MAX
(V
V
) D
(V
V
) D
L
0.4 f
I
0.2 f
I
u
u
d
d
u
u
u
u
LOAD-MAX
IN
OUT
IN
OUT
SW
L-MAX
SW
L-MAX
(V
V
) D
(V
V
) D
L
0.4 f
I
0.2 f
I
u
u
d
d
u
u
u
u LOAD-MAX
(15)
D is the duty cycle of the converter which in a buck converter it can be approximated as D = VOUT / VIN,
assuming no loss power conversion. By calculating in terms of amperes, volts, and megahertz, the inductance
value comes out in micro henries. The inductor ripple current ratio is defined by:
L
OUT
i
r
I
'
(16)
The second criterion is the inductor saturation-current rating. The inductor must be rated to handle the maximum
load current plus the ripple current:
IL-PEAK = ILOAD-MAX + Δ iL / 2
(17)
The LM76005 has both valley current limit and peak current limit. During an instantaneous short, the peak
inductor current can be high due to a momentary increase in duty cycle. The inductor current rating must be
higher than the HS current limit. TI recommends selection of an inductor with a larger core saturation margin and
preferably a softer roll off of the inductance value over load current.
In general, it is preferable to choose lower inductance in switching power supplies, because it usually
corresponds to faster transient response, smaller DCR, and reduced size for more compact designs. However,
too low of an inductance can generate too large of an inductor current ripple such that overcurrent protection at
the full load can be falsely triggered. It also generates more conduction loss because the RMS current is slightly
higher relative that with lower current ripple at the same DC current. Larger inductor current ripple also implies
larger output voltage ripple with the same output capacitors. With peak-current-mode control, it is not
recommended to have an inductor current ripple that is too small. Enough inductor current ripple improves
signal-to-noise ratio on the current comparator and makes the control loop more immune to noise.
Once the inductance is determined, the type of inductor must be selected. Ferrite designs have very low core
losses and are preferred at high switching frequencies, so design goals can concentrate on copper loss and
preventing saturation. Ferrite core material saturates hard, which means that inductance collapses abruptly
when the peak design current is exceeded. The hard saturation results in an abrupt increase in inductor ripple
current and consequent output voltage ripple. Do not allow the core to saturate.
For the design example, a standard 6.8-μH inductor from Wurth, Coiltronics, or Vishay can be used for the 5-V
output with a saturation current rating over 8 A.
8.2.2.6 Output Capacitor Selection
The device is designed to be used with a wide variety of LC filters. TI generally recommends using as little
output capacitance as possible to keep cost and size down. Choose the output capacitor or capacitors, COUT,
with care as it directly affects the steady-state output-voltage ripple, loop stability, and the voltage over/
undershoot during load current transients.
The output voltage ripple is essentially composed of two parts. One is caused by the inductor current ripple
going through the equivalent series resistance (ESR) of the output capacitors:
ΔVOUT-ESR = ΔiL × ESR
(18)
The other is caused by the inductor current ripple charging and discharging the output capacitors:
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com