Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 14Page - Texas Instruments LM76005 Datasheet HTML 15Page - Texas Instruments LM76005 Datasheet HTML 16Page - Texas Instruments LM76005 Datasheet HTML 17Page - Texas Instruments LM76005 Datasheet HTML 18Page - Texas Instruments LM76005 Datasheet HTML 19Page - Texas Instruments LM76005 Datasheet HTML 20Page - Texas Instruments LM76005 Datasheet HTML 21Page - Texas Instruments LM76005 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
6.3-V or higher capacitor for CBOOT. The VBOOT_UVLO threshold is typically 2.2 V. If the CBOOT capacitor is not
charged above this voltage with respect to SW, the device initiates a charging sequence using the low-side FET.
7.3.10 Power Good and Overvoltage Protection (PGOOD)
The LM76005 has a built-in power-good flag shown on the PGOOD pin to indicate whether the output voltage is
within its regulation level. The PGOOD signal can be used for start-up sequencing of multiple rails. The PGOOD
pin is an open-drain output that requires a pullup resistor to an appropriate logic voltage (any voltage below 12
V). The pin can sink 5 mA of current and maintain its specified logic low level. A typical range of pullup resistor
value is 10 kΩ to 100 kΩ. When the FB voltage is outside the power-good band, +6% above and –7% below the
internal reference VREF typically, the PGOOD switch is turned on, and the PGOOD pin voltage is pulled to
ground. When the FB is 2.5% (typical) closer to FB than the PGOOD threshold, the PGOOD switch is turned off,
and the pin is pulled up to the voltage connected to the pullup resistor. Both rising and falling edges of the
power-good flag have a built-in 140-µs (typical) deglitch delay. To pull up the PGOOD pin to a voltage higher
than 15 V, a resistor divider can be used to divide the voltage down.
V
PU
R
PGT
R
PGB
PGOOD
Figure 7-8. PGOOD Resistor Divider
For given pullup voltage, VPU, the desired voltage on PGOOD pin, VPG, and RPGT chosen, use Equation 11 to
calculate RPGB:
PG
PGB
PGT
PU
PG
V
R
=
R
V
V
(11)
7.3.11 Overcurrent and Short-Circuit Protection
The LM76005 is protected from overcurrent conditions by cycle-by-cycle current limiting on both peak and valley
of the inductor current. Hiccup mode is activated if a fault condition persists to prevent overheating.
High-side MOSFET overcurrent protection is implemented by the nature of the peak current-mode control. The
HS switch current is sensed when the HS is turned on after a blanking time. The HS switch current is compared
to either the minimum of a fixed current set point (IHS_Limit) or the output of the voltage regulation loop minus
slope compensation every switching cycle.
When the LS switch is turned on, the current going through it is also sensed and monitored. Before turning off
the LS switch at the end of every clock cycle, the LS current is compared to the LS current limit. If the LS current
limit is exceeded, the LS MOSFET stays on, and the HS switch is not turned on. The LS switch is kept ON so
that inductor current keeps ramping down, until the inductor current ramps below ILS_LIMIT. The LS switch is
turned off once the LS current falls below the limit, and the HS switch is turned on again after a dead time.
If the current of the LS switch is higher than the LS current limit for 128 consecutive cycles, and the feedback
voltage falls 60% below regulation, hiccup current-protection mode is activated. In hiccup mode, the regulator is
shut down and kept off for 40 ms typically before the LM76005 tries to start again. If overcurrent or a short-circuit
fault condition still exists, hiccup repeats until the fault condition is removed. Hiccup mode reduces power
dissipation under severe overcurrent conditions, and prevents overheating and potential damage to the device.
Under non-severe overcurrent conditions when the feedback voltage has not fallen 60% below regulation, the
LM76005 reduces the switching frequency and keeps the inductor current valley clamped at the LS current limit
level. This operation mode allows slight overcurrent operation during load transients without tripping hiccup.
If tracking was used for initial sequencing, the device attempts to restart using the internal soft-start circuit until
the tracking voltage is reached.
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com