Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 2Page - Texas Instruments LM76005 Datasheet HTML 3Page - Texas Instruments LM76005 Datasheet HTML 4Page - Texas Instruments LM76005 Datasheet HTML 5Page - Texas Instruments LM76005 Datasheet HTML 6Page - Texas Instruments LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments LM76005 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
LM76005
UNIT
RNP (WQFN)
30 PINS
RθJA
Junction-to-ambient thermal resistance
29.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.6
°C/W
RθJB
Junction-to-board thermal resistance
9.1
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
9.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless
otherwise stated. Minimum and maximum limits are specified through test, design or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes
only. Unless otherwise stated, the following conditions apply: VIN = 24 V, VOUT = 3.3 V, fSW = 400 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (PVIN PINS)
VIN
Operating input voltage
range
3.5
60
V
ISD
Shutdown quiescent current;
measured at PVIN pin(1)
VEN = 0 V
1.2
10
µA
IQ_NONSW
Operating quiescent current
from VIN (non-switching)
VEN = 2 V, VFB = 1.5 V, VBIAS = 3.3 V
external
2
12
µA
ENABLE (EN PIN)
VEN_VCC_H
Enable input high level for
VCC output
VEN rising
1.2
V
VEN_VCC_L
Enable input low level for
VCC output
VEN falling
0.3
V
VEN_VOUT_H
Enable input high level for
VOUT
VEN rising
1.14
1.204
1.25
V
VEN_VOUT_HYS
Enable input hysteresis for
VOUT
VEN falling hysteresis
–150
mV
ILKG_EN
Enable input leakage current VEN = 2 V
1.4
200
nA
INTERNAL LDO (VCC PIN, BIAS PIN)
VCC
Internal VCC voltage
PWM operation
3.29
V
PFM operation
3.1
V
VCC_UVLO
Internal VCC undervoltage
lockout
VCC rising
2.96
3.14
3.27
V
VCC falling hysteresis
–565
mV
VBIAS_ON
Input change over
VBIAS rising
3.11
3.25
V
VBIAS falling hysteresis
–63
mV
IBIAS_NONSW
Operating quiescent current
from external VBIAS (non-
switching)
VEN = 2 V, VFB = 1.5 V, VBIAS = 3.3 V
external
21
50
µA
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
PWM mode
0.987
1.006
1.017
V
ILKG_FB
Input leakage current at FB
pin
VFB = 1 V
0.2
60
nA
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com