Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 30Page - Texas Instruments LM76005 Datasheet HTML 31Page - Texas Instruments LM76005 Datasheet HTML 32Page - Texas Instruments LM76005 Datasheet HTML 33Page - Texas Instruments LM76005 Datasheet HTML 34Page - Texas Instruments LM76005 Datasheet HTML 35Page - Texas Instruments LM76005 Datasheet HTML 36Page - Texas Instruments LM76005 Datasheet HTML 37Page - Texas Instruments LM76005 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
9 Power Supply Recommendations
The LM76005 is designed to operate from an input voltage supply range between 3.5 V and 60 V. This input
supply must be able to withstand the maximum input current and maintain a voltage above 3.5 V. The resistance
of the input supply rail must be low enough that an input current transient does not cause a high enough drop at
the LM76005 supply voltage that can cause a false UVLO fault triggering and system reset.
If the input supply is located more than a few inches from the LM76005, additional bulk capacitance can be
required in addition to the ceramic bypass capacitors. The amount of bulk capacitance is not critical, but a 47-µF
or 100-µF electrolytic capacitor is a typical choice.
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com