Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 5 Page - Texas Instruments

  LM76005 Datasheet HTML 1Page - Texas Instruments LM76005 Datasheet HTML 2Page - Texas Instruments LM76005 Datasheet HTML 3Page - Texas Instruments LM76005 Datasheet HTML 4Page - Texas Instruments LM76005 Datasheet HTML 5Page - Texas Instruments LM76005 Datasheet HTML 6Page - Texas Instruments LM76005 Datasheet HTML 7Page - Texas Instruments LM76005 Datasheet HTML 8Page - Texas Instruments LM76005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range of –40°C to +125°C (unless otherwise noted)(1)
PARAMETER
MIN
MAX
UNIT
Input voltages
PVIN to PGND
–0.3
65
V
EN to AGND
–0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
–0.3
5
PGOOD to AGND
–0.1
20
SYNC to AGND
–0.3
5.5
BIAS to AGND
–0.3
Lower of (VIN + 0.3) or 30
AGND to PGND
–0.3
0.3
Output voltages
SW to PGND
–0.3
VIN + 0.3
V
SW to PGND less than 10-ns transients
–3.5
65
BOOT to SW
–0.3
5.5
VCC to AGND
–0.3
5.5
Junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of -40°C to 125°C (unless otherwise noted)(1)
MIN
MAX
UNIT
Input voltages
PVIN to PGND
3.5
60
V
EN
0
VIN
FB
0
4.5
PGOOD
0
18
BIAS input not used
0
0.3
BIAS input used
0
Lower of (VIN + 0.3)
or 24
AGND to PGND
–0.1
0.1
Switching
Frequency
FSW
200
500
kHz
Output voltage VOUT
1
95% of VIN
V
Output current IOUT
0
5
A
Temperature
Operating junction temperature, TJ
–40
125
°C
(1)
Recommended operating rating indicate conditions for which the device is intended to be functional, but do not ensure specific
performance limits. For ensured specifications, see Electrical Characteristics Table.
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com