Electronic Components Datasheet Search
  English  ▼

X  

LM76005 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM76005
Description  LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM76005 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM76005 Datasheet HTML 15Page - Texas Instruments LM76005 Datasheet HTML 16Page - Texas Instruments LM76005 Datasheet HTML 17Page - Texas Instruments LM76005 Datasheet HTML 18Page - Texas Instruments LM76005 Datasheet HTML 19Page - Texas Instruments LM76005 Datasheet HTML 20Page - Texas Instruments LM76005 Datasheet HTML 21Page - Texas Instruments LM76005 Datasheet HTML 22Page - Texas Instruments LM76005 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
7.3.12 Thermal Shutdown
Thermal shutdown limits total power dissipation by turning off the internal switches when the device junction
temperature exceeds 150°C (typical). After thermal shutdown occurs, hysteresis prevents the device from
switching until the junction temperature drops to approximately 135°C. When the junction temperature falls
below 135°C, the LM76005 attempts to soft start.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
The EN pin provides electrical on/off control for the LM76005. When the EN pin voltage is below 0.3 V (typical),
both the regulator and the internal LDO have no output voltages, and the device is in shutdown mode. In
shutdown mode the quiescent current drops to typically 1.2 µA. The LM76005 also employs UVLO protection. If
VCC voltage is below the UVLO level, the output of the regulator is turned off.
7.4.2 Standby Mode
The internal LDO has a lower EN threshold than the regulator. When the EN pin voltage is above 1.2 V
(maximum) and below the precision enable threshold for the output voltage, the internal LDO regulates the VCC
voltage at 3.29 V typically. The precision enable circuitry is ON once VCC is above the UVLO. The internal
MOSFETs remain in tri-state unless the voltage on EN pin goes above the precision enable threshold. The
LM76005 also employs UVLO protection. If VCC voltage is below the UVLO level, the output of the regulator is
turned off.
7.4.3 Active Mode
The LM76005 is in active mode when the EN pin and UVLO high threshold levels are satisfied. The simplest way
to enable the operation of the LM76005 is to connect the EN pin to VIN, which allows self start-up of the
LM76005 when the input voltage is in the operation range: 3.5 V to 60 V. See Section 7.3.4 for details on setting
these operating levels.
In active mode, depending on the load current, the LM76005 will be in one of five sub modes:
1. CCM with fixed switching frequency with load between half of IMINPK to full load
2. DCM when the load current is lower than half of the inductor current ripple
3. Light load mode where the device uses pulse frequency modulation (PFM) and lowers the switching
frequency at load under half of IPEAK_MIN to improve efficiency
4. Foldback mode when switching frequency is reduced to maintain output regulation with supply voltages that
cause the minimum tON or tOFF to be exceeded
5. Forced-pulse-width modulation (FPWM) is similar to CCM with fixed switching frequency, but extends the
fixed frequency range of operation from full to no load.
7.4.4 CCM Mode
CCM operation is employed in the LM76005 when the load current is higher than ½ of the peak-to-peak inductor
current. If the load current is decreased, the device enters DCM mode. In CCM operation, the frequency of
operation is constant and fixed unless the minimum tON or tOFF are exceeded which causes the part to enter
foldback mode (refer to Section 7.3.5 for details). In these cases, PWM is still maintained, but the frequency of
operation is folded back (reduced) to maintain proper regulation.
7.4.5 DCM Mode
DCM operation is employed in the LM76005 when the load current is lower than ½ of the peak-to-peak inductor
current. In DCM operation (also known as diode emulation mode), the LS FET is turned off when the inductor
current drops below 0 A to keep operation as efficient as possible by reducing switching losses and preventing
negative current conduction. In PWM operation, the frequency of operation is constant and fixed unless the load
current is reduced below IPEAK_MIN, which causes the part to enter light load mode, or if the minimum tON or tOFF
are exceeded, which cause the device to enter foldback mode.
www.ti.com
LM76005
SNVSBK5A – FEBRUARY 2020 – REVISED JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM76005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com