Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 2 Page - Texas Instruments

  TMDS171 Datasheet HTML 1Page - Texas Instruments TMDS171 Datasheet HTML 2Page - Texas Instruments TMDS171 Datasheet HTML 3Page - Texas Instruments TMDS171 Datasheet HTML 4Page - Texas Instruments TMDS171 Datasheet HTML 5Page - Texas Instruments TMDS171 Datasheet HTML 6Page - Texas Instruments TMDS171 Datasheet HTML 7Page - Texas Instruments TMDS171 Datasheet HTML 8Page - Texas Instruments TMDS171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
2
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 6
6.1
Absolute Maximum Ratings ...................................... 6
6.2
ESD Ratings.............................................................. 6
6.3
Recommended Operating Conditions ....................... 7
6.4
Thermal Information .................................................. 7
6.5
Electrical Characteristics........................................... 8
6.6
Switching Characteristics ........................................ 10
6.7
Typical Characteristics ............................................ 12
7
Parameter Measurement Information ................ 12
8
Detailed Description ............................................ 20
8.1
Overview ................................................................. 20
8.2
Functional Block Diagram ....................................... 21
8.3
Feature Description................................................. 21
8.4
Device Functional Modes........................................ 28
8.5
Register Maps ........................................................ 30
9
Application and Implementation ........................ 43
9.1
Application Information............................................ 43
9.2
Source Side Application .......................................... 45
9.3
System Examples ................................................... 49
10
Power Supply Recommendations ..................... 50
11
Layout................................................................... 52
11.1
Layout Guidelines ................................................. 52
11.2
Layout Example .................................................... 53
12
Device and Documentation Support ................. 54
12.1
Related Documentation ....................................... 54
12.2
Receiving Notification of Documentation Updates 54
12.3
Community Resources.......................................... 54
12.4
Trademarks ........................................................... 54
12.5
Electrostatic Discharge Caution ............................ 54
12.6
Glossary ................................................................ 54
13
Mechanical, Packaging, and Orderable
Information ........................................................... 54
4 Revision History
Changes from Revision D (August 2016) to Revision E
Page
•
Added Note 3 to the Electrical Characteristics table .............................................................................................................. 8
•
Deleted text "which is needed for certain HDMI CTS test." from the second paragraph in the Overview section .............. 20
•
Changed section: Input Signal Detect Block ........................................................................................................................ 25
•
Changed H to X in the first row of the HPD_SNK column in Table 36 ................................................................................ 51
•
Changed the IN_Dx column in Table 36 .............................................................................................................................. 51
Changes from Revision C (April 2016) to Revision D
Page
•
Recommended Operating Conditions, Changed the CONTROL PINS section ..................................................................... 7
•
Electrical Characteristics Changed the DDC and I2C section................................................................................................ 9
Changes from Revision B (February 2016) to Revision C
Page
•
Changed pin 36 Description From: TX_TERM_CTL = L: 150 - 300 Ω To: TX_TERM_CTL = L: Reserved in the Pin
Functions table ...................................................................................................................................................................... 6
•
Added OE to VIL "Low-level input voltage" in the Recommended Operating Conditions table ............................................. 7
•
Added OE to VIH "High-level input voltage" in the Recommended Operating Conditions table ............................................ 7
•
Changed Figure 23 .............................................................................................................................................................. 22
•
Deleted the VDD_ramp and VCC_ramp MIN values in Table 1 ......................................................................................... 23
•
Changed TX_TERM_CTL = L to Reserved in Table 3 ........................................................................................................ 25
•
Changed text "address 22h through the I
2C interface" To: "address 0Bh through the I2C interface" DDC Functional
Description............................................................................................................................................................................ 29
•
Added Note to 11–400-kbps in Table 8................................................................................................................................ 32
•
Added Note to 11–400-kbps in Table 10.............................................................................................................................. 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com