Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 28Page - Texas Instruments TMDS171 Datasheet HTML 29Page - Texas Instruments TMDS171 Datasheet HTML 30Page - Texas Instruments TMDS171 Datasheet HTML 31Page - Texas Instruments TMDS171 Datasheet HTML 32Page - Texas Instruments TMDS171 Datasheet HTML 33Page - Texas Instruments TMDS171 Datasheet HTML 34Page - Texas Instruments TMDS171 Datasheet HTML 35Page - Texas Instruments TMDS171 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
32
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.4 CSR BIT Field Definitions – Misc Control (offset: 00001001) (reset: 02h)
Figure 32. CSR Bit Field Definitions – Misc Control (09h)
7
6
5
4
3
2
1
0
0
0
0
0
0
0
1
0
R/W/U
R/W/U
R
R/W/U
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset, S= Set, U = autonomously update
Table 8. CSR Bit Field Definitions – Misc Control (09h)
Bit
Field
Type
Reset
Description
7
Lane_SWAP
R/W/U
1’b0
This field Swaps the input lanes as per Figure 25.
0 --- Disable (default) No Lane Swap
1 --- enable: Swaps input lanes (Redriver and Retimer Mode)
Note: field is loaded from SWAP/POL pin; Writes are ignored
when I2C_EN/PIN = 0
6
LANE_POLARITY
R/W/U
1’b0
Swaps the input Data and Clock lanes polarity.
0 – Disabled: No polarity swap
1 – Swaps the input Data and Clock lane polarity (Retimer Mode
Only)
Note: field is loaded from SWAP/POL pin; Writes are ignored
when I2C_EN/PIN = 0
5
Reserved
R
1’b0
Reserved
4
SIG_EN
R/W/U
1’b0
This field enable the clock lane activity detect circuitry.
0 – Disable(Default) Clock detector circuit closed and receiver
always works in normal operation.
1 – Enable , Clock detector circuit will make receiver automatic
enter the standby state when no valid data detect.
Note: field is loaded from SIG_EN pin; Writes are ignored when
I2C_EN/PIN = 0
3
PD_EN
R/W
1’b0
0 – Normal working (default)
1 – Forced Power down by I2C, Lowest Power state
2
HPD_AUTO_PWRDWN_DISABLE
R/W
1’b0
0 – Automatically enters power down mode based on HPD_SNK
(default)
1 – Will not automatically enter power down mode
1:0
I2C_DR_CTL
R/W
2’b10
I2C data rate supported for configuring device.
00 – 5 Kbps
01 – 10 Kbps
10 – 100 Kbps(default)
11 – 400 Kbps (Note: HPD_AUTO_PWRDWN_DISABLE must
be set before enabling 400 Kbps mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com