Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 20Page - Texas Instruments TMDS171 Datasheet HTML 21Page - Texas Instruments TMDS171 Datasheet HTML 22Page - Texas Instruments TMDS171 Datasheet HTML 23Page - Texas Instruments TMDS171 Datasheet HTML 24Page - Texas Instruments TMDS171 Datasheet HTML 25Page - Texas Instruments TMDS171 Datasheet HTML 26Page - Texas Instruments TMDS171 Datasheet HTML 27Page - Texas Instruments TMDS171 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
1
10
9
8
7
6
5
4
3
2
30
25
26
27
28
29
11
12
31
32
33
34
35
36
HPD_SRC
GND
OUT_D0p
OUT_D0n
TERM_CTL
I2C_EN/PIN
HPD_SNK
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
IN_CLKn
IN_CLKp
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_CLKp
OUT_CLKn
SWAP/POL
GND
1
10
9
8
7
6
5
4
3
2
30
25
26
27
28
29
11
12
31
32
33
34
35
36
TERM_CTL
SWAP = Z
In Normal Working
SWAP = L
In Swap Working
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
OUT_D0p
OUT_D0n
HPD_SNK
OUT_D2p
OUT_D2n
OUT_D1p
OUT_D1n
OUT_CLKp
OUT_CLKn
GND
CLOCK LANE
DATA LANE0
DATA LANE1
DATA LANE2
HPD_SRC
GND
I2C_EN/PIN
IN_D1n
IN_D1p
IN_D2n
IN_D2p
IN_D0n
IN_D0p
IN_CLKn
IN_CLKp
SWAP/POL
A1
A1
24
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Figure 25. TMDS171 Swap Function
8.3.4 TMDS Inputs
Standard TMDS terminations are integrated on all TMDS inputs. External terminations are not required. Each
input data channel contains an adaptive or fixed equalizer to compensate for Inter-Symbol Interference (ISI) due
to cable, connector, and/or board trace losses. The voltage at the TMDS input pins must be limited under the
absolute maximum ratings. TMDS input pins have incorporated failsafe circuits. An unused input channel can be
externally biased to prevent output oscillation by connecting the N input pin to be grounded through a 1-k
Ω
resistor and the other pin left open. The input pins can be polarity changed through local I2C register when in
retimer mode.
8.3.5 TMDS Inputs Debug Tools
There are two methods for debugging a system to make sure the inputs to the TMDS171 are valid. A TMDS
error checker is implemented to provide a rough Bit Error Rate per data lane. This allows the system
implementer to determine how the link between the source and TMDS171 is performing on all three data lanes.
See CSR BIT FIELD DEFINITIONS – RX PATTERN VERIFIER CONTROL/STATUS register.
If a high error count is evident the TMDS171 has a way to view the general receiver eye quality. A tool is
available that uses the I2C link to down load the data that can be plotted for an eye diagram. This is available per
data lane. This tool also provides a method to turn on an internal PRBS generator that will transmit a data signal
on the data pins. A clock at the proper frequency is required on the IN_CLK pins to generated the expected
output data rate.
8.3.6 Receiver Equalizer
The equalizer used to clean up inter-symbol interference (ISI) jitter/loss from the bandwidth-limited board traces
or cables. TMDS171 supports fixed receiver equalizer and adaptive equalizer by setting the EQ_SEL/A0 pin or
through I2C. When EQ_SEL/A0 is high, the EQ gain is fixed to 10 dB and when set low the EQ gain is set to 7.5
dB. TMDS171 operates in adaptive equalizer mode when EQ_SEL/A0 pin is left floating. The EQ gain will be
automatically adjusted based on the data rate to compensate for trace or cable loss. Implementers can enable
the various EQ settings through local I2C control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com