Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 2Page - Texas Instruments TMDS171 Datasheet HTML 3Page - Texas Instruments TMDS171 Datasheet HTML 4Page - Texas Instruments TMDS171 Datasheet HTML 5Page - Texas Instruments TMDS171 Datasheet HTML 6Page - Texas Instruments TMDS171 Datasheet HTML 7Page - Texas Instruments TMDS171 Datasheet HTML 8Page - Texas Instruments TMDS171 Datasheet HTML 9Page - Texas Instruments TMDS171 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
A1
27
I
High address bit 2 for I2C programming
Weak internal pull down.
Note: When I2C_EN/PIN = Low for Pin Strapping Mode leave this pin as No connect
TX_TERM_CTL
36
I
3-Level
Transmit Termination Control
TX_TERM_CTL = H: No transmit Termination
TX_TERM_CTL = L: Reserved
TX_TERM_CTL = No Connect: Automatically selects the termination impedance
2 Gbps > DR
≤ 3.4 Gbps – 150 - 300 Ω differential near end termination
DR < 2 Gbps – no termination
Note: If left floating; the device will be in Automatic Select Mode. DR stands for Data Rate
SWAP/POL
1
I
3-Level
Receive Polarity Swap and Receive Lane Swap control pin
SWAP/POL = H: Receive Lanes Polarity Swap (Retimer Mode Only)
SWAP/POL = L: Receive Lanes (Retimer and Redriver Mode)
Swap SWAP/POL = No Connect, Normal Operation
NC
18, 40
–
No connect
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Supply Voltage Range
VCC
–0.3
4
V
VDD
–0.3
1.4
Voltage Range
Main Link Input Differential Voltage (IN_Dx,
IN_CLKx); IIN = 15mA
VCC - 0.75 V
VCC + 0.3 V
TMDS Outpus ( OUT_Dx)
–0.3
4
HPD_SRC, Vsadj, SDA_CTL, SCL_CTL, OE, A1,
PRE_SEL, EQ_SEL/A0, I2C_EN/PIN, SIG_EN,
TX_TERM_CTL,
–0.3
4
HDP_SNK, SDA_SNK, SCL_SNK, SDA_SRC,
SCL_SRC
–0.3
6
Input Current IIN
Main Link Input Differential Voltage (IN_Dx,
IN_CLKx);
15
mA
Continuous power dissipation
See Thermal Information
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com