Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 1 Page - Texas Instruments

  TMDS171 Datasheet HTML 1Page - Texas Instruments TMDS171 Datasheet HTML 2Page - Texas Instruments TMDS171 Datasheet HTML 3Page - Texas Instruments TMDS171 Datasheet HTML 4Page - Texas Instruments TMDS171 Datasheet HTML 5Page - Texas Instruments TMDS171 Datasheet HTML 6Page - Texas Instruments TMDS171 Datasheet HTML 7Page - Texas Instruments TMDS171 Datasheet HTML 8Page - Texas Instruments TMDS171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
TMDS171
HDMI
Receiver
HDMI/DVI
Connector
IN_CLKp/n
OUT_CLKp/n
IN_D1p/n
OUT_D1p/n
IN_D0p/n
OUT_D0p/n
OUT_D2p/n
IN_D2p/n
3.3 V t 5 V
SDA_SRC
SCL_SRC
SDA_SNK
SCL_SNK
HPD_SRC
HPD_SNK
SDA_CTL
SCL_CTL
3.3 V
TMDS RX
DDC
HPD
I
2C
OE
VSADJ
3.3 V t 5 V
ARC_OUT
SPDIF_IN
SPDIF
Copyright © 2016, Texas Instruments Incorporated
Interface
Unit
Audiovisual
Processing
Unit
HDMI
SW/HD
TMDS
171
Digital TV
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
TMDS171/I 3.4 Gbps TMDS RETIMER
1
1 Features
1
•
HDMI Input Port to Output Port with CDR
Supporting up to 3.4 Gbps Data Rates
•
Compatible with HDMI1.4b Electrical Parameters.
•
Support for 4k2k30p and up to WUXGA 12-bit
Color Depth or 1080p with Higher Refresh
Rates™
•
Retimes Input Stream to Compensate for Random
Jitter
•
Adaptive Receiver Equalizer or Programmable
Fixed Equalizer
•
I2C and Pin Strap Programmable
•
Inter-Pair Skew Compensation of 5+ Bits
•
Link Debug Tools Including Eye Diagram After RX
Equalizer
•
Single Ended Mode ARC Support
•
48-pin 7mm x 7mm 0.5 mm Pitch VQFN Package
•
Extended Commercial Temperature Support
0°C – 85°C (TMDS171)
•
Industrial Temperature Support -40°C – 85°C
(TMDS171I)
2 Applications
•
Digital TV
•
Digital Projector
•
Audio/Video Equipment
•
Blu-Ray DVD
•
Monitors
•
Desktops/ All-in-Ones
•
Active Cables
3 Description
The TMDS171 is a digital video interface (DVI) or
high-definition multimedia interface (HDMI) retimer.
The TMDS171 supports four TMDS channels, Audio
Return Channel (SPDIF_IN/ARC_OUT), Hot Plug
Detect (HPD) and Digital Display Control (DDC)
interfaces. The TMDS171 supports signaling rates up
to 3.4 Gbps to allow for the highest resolutions of
4k2k30p 24 bits per pixel and up to WUXGA 12-bit
color depth or 1080p with higher refresh rates. The
TMDS171 automatically configures itself as a re-
driver at low data rate (< 1 Gbps) or as a re-timer
above this data rate.
The TMDS171 supports dual power supply rails of
1.2 V on VDD and 3.3 V on VCC for active power
reduction. Several methods of power management
are
implemented
to
reduce
overall
power
consumption. TMDS171 supports fixed EQ gain or
adaptive
EQ
control
by
I2C
or
pin
strap
to
compensate for different lengths input cable or board
traces.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMDS171
(VQFN) 48 Pins
7.00 mm x 7.00 mm
TMDS171I
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TMDS171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
TMDS171IRGZR TI1-TMDS171IRGZR Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
TMDS171IRGZT TI1-TMDS171IRGZT Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
TMDS171RGZR TI1-TMDS171RGZR Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
TMDS171RGZT TI1-TMDS171RGZT Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
More results

Similar Description - TMDS171

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Texas Instruments
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
TMDS181x 6 Gbps TMDS Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
12.5 to 15 Gbps 16-Channel Retimer
SN65DP149 TI1-SN65DP149_16 Datasheet
3Mb / 54P
SNx5DP149 3.4 Gbps DP to HDMI Retimer
TMDS181 TI1-TMDS181_16 Datasheet
1Mb / 59P
6 Gbps TMDS Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com