Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 45Page - Texas Instruments TMDS171 Datasheet HTML 46Page - Texas Instruments TMDS171 Datasheet HTML 47Page - Texas Instruments TMDS171 Datasheet HTML 48Page - Texas Instruments TMDS171 Datasheet HTML 49Page - Texas Instruments TMDS171 Datasheet HTML 50Page - Texas Instruments TMDS171 Datasheet HTML 51Page - Texas Instruments TMDS171 Datasheet HTML 52Page - Texas Instruments TMDS171 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Sink Side
HDMI RX/Scalar
HDMI/DVI
Connector
IN_CLKp
OUT_CLKp
IN_D1p
OUT_D1p
IN_D0p
OUT_D0p
OUT_D2n
IN_D2p
5V
HPD_SNK
SDA_SNK
SCL_SNK
OE
VSADJ
7<Q
1%
D2p
D1p
D0p
TMDS_CLKp
65lQ
0.1uF
ARC_OUT
HPD
HPD_SRC
47<Q
Optional
IN_D2n
D2n
D1n
D0n
TMDS_CLKn
IN_CLKn
IN_D1n
IN_D0n
2
9
5
6
8
12
11
3
1uF
1uF
DDC_SCL
DDC_SDA
47<Q
SDA_SRC
SCL_SRC
OUT_D2p
OUT_CLKn
OUT_D1n
OUT_D0n
35
28
32
31
29
25
26
34
38
4
33
42
22
47
46
39
45
44
13
7
43
GND1
GND3
GND6
GND2
GND4
GND5
0.01uF
65lQ
65lQ
65lQ
SWAP/POL
I2C_EN/PIN
SIG_EN
PRE_SEL
EQ_SEL/A0
A1
TX_TERM_CTL
1
27
17
20
21
36
10
2<Q
2<Q
I2C_SCL
I2C_SDA
SDA_CTL
SCL_CTL
16
15
0.1uF
0.1uF
10uF
VCC_3.3V
OE
CEC
CEC
VDD_1.1V
14 23 24 37 48
VCC_3.3V
GND
GND
GND
THERMAL PAD
41
30
19
CASE_GND1
CASE_GND2
CASE_GND3
CASE_GND4
SPDIF_IN
55Q
GND
ARC
SPDIF
TMDS_D2p
HPD
DDC_SDA
DDC_SCL
TMDS_D2n
TMDS_D0p
TMDS_D0n
TMDS_D1p
TMDS_D1n
TMDS_CLKp
TMDS_CLKn
Optional
OE
OE
VCC_3.3V
VCC_3.3V
0.1uF
0.01uF
0.01uF
10uF
VDD_1.1V
0.1uF
0.1uF
0.1uF
Implementation specific.
May not be needed if Source
has implemented
DDC_SCL
DDC_SDA
DDC_SCL
DDC_SDA
500<Q
Reduces Power Consumption
If ARC not used in system
HDMI_5V
HDMI_5V
1<Q
HPD
HPD
NC
Copyright © 2016, Texas Instruments Incorporated
49
TMDS171, TMDS171I
www.ti.com
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
9.3 System Examples
Another way to configure sink application is to configure the sink as per Figure 61. This is done as not all
sources are supporting clock stretching as per standard.
Figure 61. TMDS171 in Sink Side Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com