Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 8Page - Texas Instruments TMDS171 Datasheet HTML 9Page - Texas Instruments TMDS171 Datasheet HTML 10Page - Texas Instruments TMDS171 Datasheet HTML 11Page - Texas Instruments TMDS171 Datasheet HTML 12Page - Texas Instruments TMDS171 Datasheet HTML 13Page - Texas Instruments TMDS171 Datasheet HTML 14Page - Texas Instruments TMDS171 Datasheet HTML 15Page - Texas Instruments TMDS171 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
Driver
VCC
50
Ÿ
50
Ÿ
Receiver
3.3V
50
Ÿ
50
Ÿ
D+
D-
VD+
VD-
VID
VID = VD+ - VD-
0.5 pF
Y
Z
VY
VZ
VOD = VY - VZ
VICM = (VD+ + VD-)
2
VOC = (VY + VZ)
2
Vsadj (k:)
4
4.5
5
5.5
6
6.5
7
7.5
8
0
200
400
600
800
1000
1200
1400
1600
D003
VOD No Term
VOD 150 to 300 :
Data Rate (Gbps)
0
0.5
1
1.5
2
2.5
3
3.5
40
60
80
100
120
140
160
180
200
D001
1.2V
3.3V
Data Rate (Gbps)
0
0.5
1
1.5
2
2.5
3
3.5
60
90
120
150
180
210
240
270
300
D002
1.2V
3.3V
12
TMDS171, TMDS171I
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 1. Current vs Data Rate Redriver Mode
Figure 2. Current vs Data Rate Retimer Mode
Figure 3. VOD vs VSadj
7 Parameter Measurement Information
Figure 4. TMDS Main Link Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com