Electronic Components Datasheet Search
  English  ▼

X  

TMDS171 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMDS171
Description  TMDS171/I 3.4 Gbps TMDS RETIMER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS171 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMDS171 Datasheet HTML 3Page - Texas Instruments TMDS171 Datasheet HTML 4Page - Texas Instruments TMDS171 Datasheet HTML 5Page - Texas Instruments TMDS171 Datasheet HTML 6Page - Texas Instruments TMDS171 Datasheet HTML 7Page - Texas Instruments TMDS171 Datasheet HTML 8Page - Texas Instruments TMDS171 Datasheet HTML 9Page - Texas Instruments TMDS171 Datasheet HTML 10Page - Texas Instruments TMDS171 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
7
TMDS171, TMDS171I
www.ti.com
SLLSEN7E – OCTOBER 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TMDS171
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
These values are based upon a microcontroller driving the control pins. The pull up/down/floating resistor configuration will set control
pins properly which will have a different value than shown due to internal biasing.
(2)
This value is based upon a microcontroller driving the OE pin. A passive reset circuit using an external capacitor and the internal pullup
resistor will set OE pin properly, but may have a different value than shown due to internal biasing.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply Voltage Nominal Value 3.3 V
3.135
3.3
3.465
V
VDD
Supply Voltage Nominial Value 1.2 V
1.1
1.2
1.27
V
TSTG
Storage temperature
–65
150
°C
TCASE
Case temperature
92.7
°C
TA
Operating free-air temperature (TMDS171)
0
85
°C
Operating free-air temperature (TMDS171I)
–40
85
°C
MAIN LINK DIFFERENTIAL PINS
VID(PP)
Peak-to-peak input differential voltage
75
1560
mVpp
VIC
Input Common Mode Voltage
VCC – 0.4
VCC + 0.1
V
dR
Data rate
0.25
3.4
Gbps
R(VSADJ)
TMDS compliant swing voltage bias resistor 1%
7.06
KΩ
CONTROL PINS
VI(DC)
DC Input Voltage
–0.3
3.6
V
VIL
(1)
Low-level input voltage OE
0.8
V
Low-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL pins only(1)
0.3
V
VIM
(1)
Mid-Level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL pins only(1)
1
1.2
1.4
V
VIH
(1)
High-level input voltage at PRE_SEL, EQ_SEL/A0, TX_TERM_CTL,
SWAP/POL, OE(2) pins only(1)
2.6
V
VOL
Low-level output voltage
0.4
V
VOH
High-level output voltage
2.4
V
IIH
High level input current
30
30
µA
IIL
Low level input current
–25
25
µA
IOS
Short circuit output current
–50
50
mA
IOZ
High impedance output current
10
µA
R(OEPU)
Pull up resistance on OE pin
150
250
KΩ
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
RGZ (QFN)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
31.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.2
RθJB
Junction-to-board thermal resistance
8.1
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
8.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com